Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS3L40SY Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS3L40SY
Description  Automotive power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L40SY Datasheet(HTML) 2 Page - STMicroelectronics

  STPS3L40SY Datasheet HTML 1Page - STMicroelectronics STPS3L40SY Datasheet HTML 2Page - STMicroelectronics STPS3L40SY Datasheet HTML 3Page - STMicroelectronics STPS3L40SY Datasheet HTML 4Page - STMicroelectronics STPS3L40SY Datasheet HTML 5Page - STMicroelectronics STPS3L40SY Datasheet HTML 6Page - STMicroelectronics STPS3L40SY Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
STPS3L40-Y
2/7
Doc ID 018562 Rev 1
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 0.30 x IF(AV) + 0.047 IF
2
(RMS)
Table 2.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
40
V
IF(AV)
Average forward current
TL = 120 °C δ = 0.5
3
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
75
A
PARM
Repetitive peak avalanche power
tp = 1 µs Tj = 25 °C
1300
W
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Operating junction temperature range(1)
1.
condition to avoid thermal runaway for a diode on its own heatsink
-40 to +150
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to lead
18
°C/W
Table 4.
Static electrical characteristics
Symbol
Parameter
Test conditions
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 380 µs,
δ < 2%
Reverse leakage current
Tj = 25 °C
VR = VRRM
100
µA
Tj = 125 °C
16
40
mA
VF
(1)
Forward voltage drop
Tj = 25 °C
IF = 3 A
0.5
V
Tj = 125 °C
0.40
0.44
Tj = 25 °C
IF = 6 A
0.62
Tj = 125 °C
0.52
0.58
dPtot
dTj
<
1
Rth(j-a)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com