Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YFW15 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # YFW15
Description  15 Watt DC/DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

YFW15 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  YFW15 Datasheet HTML 1Page - Wall Industries,Inc. YFW15 Datasheet HTML 2Page - Wall Industries,Inc. YFW15 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
YFW15 Ultra Wide Series
Single and Dual Output
15 Watt DC/DC Converter
4:1 Wide Input Voltage Range
Rev B
MECHANICAL DRAWING
Unit: inches (mm)
PIN CONNECTION
PIN
SINGLE
DUAL
1
+INPUT
+INPUT
2
-INPUT
-INPUT
4
CTRL
CTRL
5
NO PIN
+OUTPUT
6
+OUTPUT
COMMON
7
-OUTPUT
-OUTPUT
8
TRIM
TRIM
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed by
using the method shown below.
( ) for dual output trim.
1.60 (40.6)
1. All dimensions in Inches (mm)
Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
2. Pin pitch tolerance ±0.01 (0.25)
0.200 (5.08)
0.70 (17.8)
0.600 (15.24)
0.400
(10.16)
0.400
(10.16)
0.500
(12.70)
0.700 (17.78)
0.40
(10.2)
0.22 (5.6)
1
2
4
5
8
7
BOTTOM
VIEW
Recommended Filter for EN55022 Class B Compliance
+Vin
-Vin
+Vout
-Vout
L1
D/D Converter
C1
C4
C3
Load
C2
+INPUT
-INPUT
1
2
3
4
The components used in the Figure 1 are as follows:
C1
C2
C3
C4
L1
YFW24xxx-xxxx 6.8µF/50V
N/A
1000pF/2KV 1000pF/2KV
450µH
Common Choke
YFW48xxx-xxxx 2.2µF/100V 2.2µF/100V 1000pF/2KV 1000pF/2KV
450µH
Common Choke
Recommended EN55022 Class B Filter Circuit Layout
YFW15
SERIES
FIGURE 1
FIGURE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com