Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6423AF Datasheet(PDF) 2 Page - Rohm

Part # BA6423AF
Description  Standard Single-phase Full wave Fan Motor Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6423AF Datasheet(HTML) 2 Page - Rohm

  BA6423AF Datasheet HTML 1Page - Rohm BA6423AF Datasheet HTML 2Page - Rohm BA6423AF Datasheet HTML 3Page - Rohm BA6423AF Datasheet HTML 4Page - Rohm BA6423AF Datasheet HTML 5Page - Rohm BA6423AF Datasheet HTML 6Page - Rohm BA6423AF Datasheet HTML 7Page - Rohm BA6423AF Datasheet HTML 8Page - Rohm BA6423AF Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Datasheet
2/10
BA6423AF
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
19.Jul.2012 Rev.001
TSZ02201-0H1H0B100230-1-2
●
●
●
●Electrical characteristics (Unless otherwise specified Ta=25℃,Vcc=12V)
Parameter
Symbol
Limits
Unit
Conditions
Characteristics
Min.
Typ.
Max.
Circuit current
Icc
2.7
5.4
8.1
mA
At output OFF
Fig.1
Charge current of
capacitor for lock
detection
Ildc
1.55
3.10
4.65
μA
Vld=1.8V
-
Discharge current of
capacitor for lock
detection
Ildd
0.33
0.66
0.99
μA
Vld=1.8V
-
Charge-discharge current
ratio of capacitor for lock
detection
rcd
3.0
4.7
6.4
-
rcd=Ildc/Ildd
-
Clamp voltage of
capacitor for lock
detection
Vldcl
2.00
2.48
3.00
V
-
Comparison voltage of
capacitor for lock
detection
Vldcp
0.70
0.99
1.30
V
-
Output L voltage
Vol
-
0.8
1.2
V
Io=200mA
Fig.2
Output H voltage
Voh
-
0.9
1.4
V
Io=-200mA
Voltage between
output and Vcc
Fig.3
AL output L voltage
Vall
-
0.1
0.3
V
Ial=10mA
Fig.4
AL output leak current
Iall
-
0
10
μA
Val=30V
-
Hall input - output offset
voltage
Vofs
-20
0
20
mV
-
●
●
●
●Reference Data
0
0.5
1
1.5
2
0
0.2
0.4
0.6
0.8
1
Output Current, Io [ A]
0
0.05
0.1
0.15
0.2
0
2
4
6
8
10
AL current, Ial [mA ]
Fig.3 Output H voltage
0
1
2
3
4
5
6
7
0
6
12
18
24
30
Supply voltage, Vcc [V]
Fig.1 Circuit current
Fig.2 Output L voltage
28V
6V
12V
Fig.4 AL output L voltage
28V
6V
100℃
-25℃
25℃
28V
6V
12V
0.1
1.0
10.0
0.1
1.0
10.0
100.0
Collector-emitter voltage, Vce[V]
0.1
1.0
10.0
0.1
1.0
10.0
100.0
Collector-emitter voltage, Vce[V]
Operating Voltage Range
Fig.5 Output Tr ASO(upper)
(TON=100msec)
Fig.6 Output Tr ASO(lower)
(TON=100msec)
12V
-2
-1.5
-1
-0.5
0
0
0.2
0.4
0.6
0.8
1
Output Current , Io [A ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com