Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95512-DR Datasheet(PDF) 30 Page - STMicroelectronics

Part # M95512-DR
Description  512-Kbit serial SPI bus EEPROM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95512-DR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M95512-DR Datasheet HTML 26Page - STMicroelectronics M95512-DR Datasheet HTML 27Page - STMicroelectronics M95512-DR Datasheet HTML 28Page - STMicroelectronics M95512-DR Datasheet HTML 29Page - STMicroelectronics M95512-DR Datasheet HTML 30Page - STMicroelectronics M95512-DR Datasheet HTML 31Page - STMicroelectronics M95512-DR Datasheet HTML 32Page - STMicroelectronics M95512-DR Datasheet HTML 33Page - STMicroelectronics M95512-DR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
Power-up and delivery state
M95512-W M95512-R M95512-DR M95512-DF
30/50
DocID11124 Rev 21
7
Power-up and delivery state
7.1
Power-up state
After power-up, the device is in the following state:
•
Standby power mode,
•
deselected (after power-up, a falling edge is required on Chip Select (S) before any
instructions can be started),
•
not in the Hold condition,
•
the Write Enable Latch (WEL) is reset to 0,
•
Write In Progress (WIP) is reset to 0.
The SRWD, BP1 and BP0 bits of the Status Register are unchanged from the previous
power-down (they are non-volatile bits).
7.2
Initial delivery state
The device is delivered with the memory array bits and identification page bits set to all 1s
(each byte = FFh). The Status Register Write Disable (SRWD) and Block Protect (BP1 and
BP0) bits are initialized to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com