| Electronic Components Datasheet Search |
|
M95512-DF Datasheet(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95512-DF Datasheet(HTML) 25 Page - STMicroelectronics |
|
25 / 50 page ![]() DocID11124 Rev 21 25/50 M95512-W M95512-R M95512-DR M95512-DF Instructions Figure 14. Page Write (WRITE) sequence 6.6.1 Cycling with Error Correction Code (ECC) M95512 and M95512-D devices offer an Error Correction Code (ECC) logic. The ECC is an internal logic function which is transparent for the SPI communication protocol. The ECC logic is implemented on each group of four EEPROM bytes(c). Inside a group, if a single bit out of the four bytes happens to be erroneous during a Read operation, the ECC detects this bit and replaces it with the correct value. The read reliability is therefore much improved. Even if the ECC function is performed on groups of four bytes, a single byte can be written/cycled independently. In this case, the ECC function also writes/cycles the three other bytes located in the same group(c). As a consequence, the maximum cycling budget is defined at group level and the cycling can be distributed over the four bytes of the group: the sum of the cycles seen by byte0, byte1, byte2 and byte3 of the same group must remain below the maximum value defined in Table 13. C D AI01796D S 34 33 35 36 37 38 39 40 41 42 44 45 46 47 32 C D S 15 2 1 3456789 10 20 21 22 23 24 25 26 27 14 13 3210 28 29 30 Instruction 16-Bit Address 0 765432 0 1 Data Byte 1 31 43 765432 0 1 Data Byte 2 765432 0 1 Data Byte 3 65432 0 1 Data Byte N c. A group of four bytes is located at addresses [4*N, 4*N+1, 4*N+2, 4*N+3], where N is an integer. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |