Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUCS1R5 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SUCS1R5
Description  DC-DC Converters PCB Mount type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SUCS1R5 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  SUCS1R5 Datasheet HTML 1Page - List of Unclassifed Manufacturers SUCS1R5 Datasheet HTML 2Page - List of Unclassifed Manufacturers SUCS1R5 Datasheet HTML 3Page - List of Unclassifed Manufacturers SUCS1R5 Datasheet HTML 4Page - List of Unclassifed Manufacturers SUCS1R5 Datasheet HTML 5Page - List of Unclassifed Manufacturers SUCS1R5 Datasheet HTML 6Page - List of Unclassifed Manufacturers SUCS1R5 Datasheet HTML 7Page - List of Unclassifed Manufacturers SUCS1R5 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MODEL
SUCS100505 SUCS100512 SUCS100515
SUCS101205 SUCS101212 SUCS101215
MAX OUTPUT WATTAGE[W]
10
10.8
10.5
10
12
12
DC OUTPUT
VOLTAGE[V]
5
12
15
5
12
15
CURRENT[A]
2
0.9
0.7
2
1
0.8
MODEL
SUCS100505 SUCS100512 SUCS100515
SUCS101205 SUCS101212 SUCS101215
INPUT
VOLTAGE[V]
DC4.5 - 9
DC9 - 18
CURRENT[A]
2.41typ
2.54typ
2.47typ
0.980typ
1.15typ
1.15typ
EFFICIENCY[%]
83typ
85typ
85typ
85typ
87typ
87typ
OUTPUT
VOLTAGE[V]
5
12
15
5
12
15
CURRENT[A]
2
0.9
0.7
2
1
0.8
LINE REGULATION[mV]
20max
48max
60max
20max
48max
60max
LOAD REGULATION[mV]
40max
100max
120max
40max
100max
120max
RIPPLE[mVp-p]
-20 to +55
C
80max
120max
120max
80max
120max
120max
-40 to -20
C
120max
150max
150max
120max
150max
150max
RIPPLE NOISE[mVp-p]
-20 to +55
C
120max
150max
150max
120max
150max
150max
-40 to -20
C
200max
200max
200max
200max
200max
200max
TEMPERATURE REGULATION[mV]
-20 to +55
C
50max
150max
180max
50max
150max
180max
-40 to +55
C
80max
240max
290max
80max
240max
290max
DRIFT[mV]
20max
48max
60max
20max
48max
60max
START-UP TIME[ms]
20max (Minimum input, Io=100%)
4.90 - 5.21
SUCS10053R3
8.58
3.3
2.6
SUCS10053R3
2.12typ
81typ
3.3
2.6
20max
40max
80max
120max
120max
200max
50max
80max
20max
3.21 - 3.42
11.64 - 12.36 14.55 - 15.45
4.90 - 5.21
3.21 - 3.42
11.64 - 12.36 14.55 - 15.45
4.90 - 5.21
3.21 - 3.42
11.64 - 12.36 14.55 - 15.45
4.90 - 5.21
3.21 - 3.42
11.64 - 12.36 14.55 - 15.45
SUCS10123R3
8.58
3.3
2.6
SUCS10123R3
0.872typ
82typ
3.3
2.6
20max
40max
80max
120max
120max
200max
50max
80max
20max
Fixed (TRM pin open)
t5% adjustable by external VR
SPECIFICATIONS
*2
*1
*2
*3
*3
*3
*3
*4
SUCS102405 SUCS102412 SUCS102415
SUCS104805 SUCS104812 SUCS104815
10
12
12
10
12
12
5
12
15
5
12
15
2
1
0.8
2
1
0.8
SUCS102405 SUCS102412 SUCS102415
SUCS104805 SUCS104812 SUCS104815
DC18 - 36
DC36 - 76
0.490typ
0.575typ
0.575typ
0.245typ
0.287typ
0.287typ
85typ
87typ
87typ
85typ
87typ
87typ
5
12
15
5
12
15
2
1
0.8
2
1
0.8
20max
48max
60max
20max
48max
60max
40max
100max
120max
40max
100max
120max
80max
120max
120max
80max
120max
120max
120max
150max
150max
120max
150max
150max
120max
150max
150max
120max
150max
150max
200max
200max
200max
200max
200max
200max
50max
150max
180max
50max
150max
180max
80max
240max
290max
80max
240max
290max
20max
48max
60max
20max
48max
60max
SUCS10243R3
8.58
3.3
2.6
SUCS10243R3
0.436typ
82typ
3.3
2.6
20max
40max
80max
120max
120max
200max
50max
80max
20max
SUCS10483R3
8.58
3.3
2.6
SUCS10483R3
0.218typ
82typ
3.3
2.6
20max
40max
80max
120max
120max
200max
50max
80max
20max
20max (Minimum input, Io=100%)
Fixed (TRM pin open)
t5% adjustable by external VR
MODEL
MAX OUTPUT WATTAGE[W]
DC OUTPUT
VOLTAGE[V]
CURRENT[A]
MODEL
INPUT
VOLTAGE[V]
CURRENT[A]
EFFICIENCY[%]
OUTPUT
VOLTAGE[V]
CURRENT[A]
LINE REGULATION[mV]
LOAD REGULATION[mV]
RIPPLE[mVp-p]
-20 to +55
C
-40 to -20
C
RIPPLE NOISE[mVp-p]
-20 to +55
C
-40 to -20
C
TEMPERATURE REGULATION[mV]
-20 to +55
C
-40 to +55
C
DRIFT[mV]
START-UP TIME[ms]
SPECIFICATIONS
*2
*1
*2
*3
*3
*3
*3
*4
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically
REMOTE ON/OFF
Provided (Negative logicL:ON, H : OFF)
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically
REMOTE ON/OFF
Provided (Negative logicL:ON, H : OFF)
OUTPUT VOLTAGE ADJUSTMENT RANGE
OUTPUT VOLTAGE SETTING[V] (
t3%)
OUTPUT VOLTAGE ADJUSTMENT RANGE
OUTPUT VOLTAGE SETTING[V] (
t3%)
SUCS10
DC-DC Converters PCB Mount type
Ordering information
R
SU.SUC/SUT
SU.SUC/SUT-24
SUC S
101205
B
P
-
O
12345678
1Series name
2Single output
3Output wattage
4Input voltage
5Output voltage
6Mounting type
B :SMD
C :DIP
7Packing form
Blank:Plastic cover
P :Tray (SMD type)
8Optional
G :Capacitor between
Input and Output is
removed.
C :with coating (only
DIP type)
*
* Safety standards
are pending



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com