Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF1122D Datasheet(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

Part # SSF1122D
Description  Advanced trench process technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF1122D Datasheet(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSF1122D Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF1122D Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF1122D Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF1122D Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF1122D Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©Silikron Semiconductor Corporation
2010.12.10
Version:
2.1
page
1of5
SSF1122D
Absolute Maximum Ratings
Parameter
Max.
Units
ID@Tc=25 ْC
Continuous drain current,VGS@10V
60
A
ID@Tc=100ْC
Continuous drain current,VGS@10V
50
IDM
Pulsed drain current ①
240
PD@TC=25ْC
Power dissipation
1
43
W
Linear derating factor
2.0
W/ ْC
VGS
Gate-to-Source voltage
±20
V
EAS
Single pulse avalanche energy ②
240
mJ
EAR
Repetitive avalanche energy
TBD
TJ
TSTG
Operating Junction and
Storage Temperature Range
–55 to +
175
ْC
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-case
—
1.05
—
ْC/W
RθJA
Junction-to-ambient
—
—
62
Electrical Characteristics @TJ=25 ْC (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
Test Conditions
BVDSS
Drain-to-Source breakdown voltage
110
—
—
V
VGS=0V,ID=250μA
RDS(on)
Static Drain-to-Source on-resistance
—
20
22
mΩ
VGS=10V,ID=30A
VGS(th)
Gate threshold voltage
2.0
3.0
4.0
V
VDS=VGS,ID=250μA
gfs
Forward transconductance
—
58
—
S
VDS=5V,ID=30A
IDSS
Drain-to-Source leakage current
——
1
μA
VDS=110V,VGS=0V
——
10
VDS=110V,
VGS=0V,TJ=150ْC
SSF1122D TOP View (DPAK)
ID =60A
BV=110V
Rdson=20mΩ(Typ.)
Feathers:
Advanced trench process technology
Ultra low Rdson
High avalanche energy, 100% test
Fully characterized avalanche voltage and current
Description:
The SSF1122D is a new generation of middle voltage and
high current N–Channel enhancement mode trench power
MOSFET. This new technology increases the device reliability
and electrical parameter repeatability. SSF1122D is
assembled in high reliability and qualified assembly house.
Application:
Power switching application


Similar Part No. - SSF1122D

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF1122 SILIKRON-SSF1122 Datasheet
627Kb / 5P
Advanced trench process technology
logo
GOOD-ARK Electronics
SSF1122 GOOD-ARK-SSF1122 Datasheet
1Mb / 5P
110V N-Channel MOSFET
SSF1122 GOOD-ARK-SSF1122 Datasheet
1Mb / 5P
110V N-Channel MOSFET
SSF1122 GOOD-ARK-SSF1122_15 Datasheet
1Mb / 5P
110V N-Channel MOSFET
More results

Similar Description - SSF1122D

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF3014 SILIKRON-SSF3014 Datasheet
298Kb / 5P
Advanced trench process technology
SSF3022 SILIKRON-SSF3022 Datasheet
339Kb / 5P
Advanced trench process technology
SSF1030D SILIKRON-SSF1030D Datasheet
832Kb / 5P
Advanced trench process technology
SSF1122 SILIKRON-SSF1122 Datasheet
627Kb / 5P
Advanced trench process technology
SSF6010A SILIKRON-SSF6010A Datasheet
449Kb / 5P
Advanced trench process technology
SSF6014A SILIKRON-SSF6014A Datasheet
486Kb / 5P
Advanced trench process technology
SSF6808A SILIKRON-SSF6808A Datasheet
466Kb / 5P
Advanced trench process technology
SSF6814 SILIKRON-SSF6814 Datasheet
474Kb / 5P
Advanced trench process technology
SSF7504 SILIKRON-SSF7504 Datasheet
433Kb / 5P
Advanced trench process technology
logo
First Silicon Co., Ltd
FTK9926 FS-FTK9926 Datasheet
2Mb / 4P
Advanced trench process technology
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com