Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSM360 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSM360
Description  Medical AC/DC Switching Power Supplies
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSM360 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSM360 Datasheet HTML 1Page - Wall Industries,Inc. PSM360 Datasheet HTML 2Page - Wall Industries,Inc. PSM360 Datasheet HTML 3Page - Wall Industries,Inc. PSM360 Datasheet HTML 4Page - Wall Industries,Inc. PSM360 Datasheet HTML 5Page - Wall Industries,Inc. PSM360 Datasheet HTML 6Page - Wall Industries,Inc. PSM360 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
04/27/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 7
DATASHEET
Rev. A
PSM360 SERIES
90~264VAC Input Voltage Range
360 Watts with 30CFM Forced Airflow
Active PFC, Single Output
Medical AC/DC Switching Power Supplies
FEATURES
● Active PFC
● Single Output
● Remote Inhibit Function
● 5V / 1A Standby Output
● 12V / 1A Output for Fan
● 90~264Vac Input Voltage Range
● 360W with 30CFM Forced Airflow
● Current Sharing Option (Single Wire)
● Short Circuit, Over Load, and Over Voltage Protection
● UL60601-1, CB IEC60601-1, TUV EN60601-1 Safety Approvals
● 3 Mechanical Options Available: U-Chassis, Enclosed with Rear Side Fan, Enclosed with Top Fan
DESCRIPTION
The PSM360 series of medical AC/DC switching power supplies offers 360 watts of output power with 30CFM forced
airflow. All models have a single output, 90~264VAC full range input, and active PFC. These supplies also have
UL60601-1, TUV EN60601-1, CB IEC60601-1, and CE safety approvals. All models are protected against short circuit,
over load, and over voltage conditions. Models are available in U-Chassis (Type U), enclosed with rear side built-in fan
(Type E), and enclosed with top built-in fan (Type F) designs. This series also has a current sharing option (suffix “D”).
Type U
Type E
Type F


Similar Part No. - PSM360

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSM36W-120-TW2 PHIHONG-PSM36W-120-TW2 Datasheet
123Kb / 2P
36 Watt Universal 2-Wire Input Adapter PSM36W Adapter Series Meets CEC and EISA Requirements
PSM36W-120L6 PHIHONG-PSM36W-120L6 Datasheet
638Kb / 2P
36 Watt Universal 2-Wire Input Adapter PSM36W Adapter Series meets Level VI Requirements
PSM36W-120TW2 PHIHONG-PSM36W-120TW2 Datasheet
123Kb / 2P
36 Watt Universal 2-Wire Input Adapter
More results

Similar Description - PSM360

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSME05 WALL-PSME05 Datasheet
194Kb / 4P
Medical AC/DC Switching Power Supplies
PSME10 WALL-PSME10 Datasheet
190Kb / 4P
Medical AC/DC Switching Power Supplies
PSMP05 WALL-PSMP05 Datasheet
217Kb / 4P
Medical AC/DC Switching Power Supplies
PSMP10 WALL-PSMP10 Datasheet
213Kb / 4P
Medical AC/DC Switching Power Supplies
PSM250 WALL-PSM250 Datasheet
259Kb / 6P
Medical AC/DC Switching Power Supplies
PSM500 WALL-PSM500 Datasheet
224Kb / 8P
Medical AC/DC Switching Power Supplies
PSMAF150 WALL-PSMAF150 Datasheet
1Mb / 9P
Medical AC/DC Power Supplies
PSPRL1103M WALL-PSPRL1103M Datasheet
568Kb / 7P
Medical AC/DC Switching Power Supplies
PSIM65 WALL-PSIM65 Datasheet
105Kb / 3P
Medical AC/DC Power Supplies
PSMSC WALL-PSMSC Datasheet
165Kb / 5P
40 Watt Medical AC - DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com