Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSPRL0602D Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSPRL0602D
Description  AC/DC Switching Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPRL0602D Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSPRL0602D Datasheet HTML 1Page - Wall Industries,Inc. PSPRL0602D Datasheet HTML 2Page - Wall Industries,Inc. PSPRL0602D Datasheet HTML 3Page - Wall Industries,Inc. PSPRL0602D Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSPRL0602D Series
300 Watt
Dual Output
AC/DC Switching Power Supply
Rev. B
MODEL SELECTION GUIDE
Maximum Output Current
Maximum Output Power
Model Number
Output
Voltage
Type U
(Convection)
Types E, F, and U
(forced air)
Type U
(Convection)
Types E, F, and U
(forced air)
Regulation
Ripple &
Noise
V1
+5VDC
15A
30A
±5%
1%
PSPRL0602Dx-0512
V2
+12VDC
10.42A
16.67A
125W
250W
±5%
1%
V1
+5VDC
15A
30A
±5%
1%
PSPRL0602Dx-0524
V2
+24VDC
5.2A
8.33A
125W
250W
±5%
1%
V1
+5VDC
15A
30A
±5%
1%
PSPRL0602Dx-0548
V2
+48VDC
2.6A
4.16A
125W
250W
±5%
1%
V1
+12VDC
12.5A
16.67A
±5%
1%
PSPRL0602Dx-1224
V2
+24VDC
6.25A
8.33A
150W
300W
±5%
1%
NOTES
1. PSPRL0602D Series is designated as PSPRL0602Dx-y where x can be U (U-chassis), C (U-chassis with top cover) E (Enclosed type with rear side
built-in fan) or F (Enclosed type with top built-in fan ), y can be 0512, 0524, 0548, or 1224 for output voltage.
2. PSPRL0602DU series has one vented top cover option (Type C).
3. PSPRL0602DU (with 28.5CFM max. forced airflow), PSPRL0602DE, and PSPRL0602DF Series: Max. 300W total combined power of V1 and V2 for
PSPRL0602Dx-1224 and 250W for other models.
4. PSPRL0602DU & PSPRL0602DC Series with convection cooling: Max. 150W total combined power of V1 and V2 for PSPRL0602Dx-1224 and 125W for
other models.
5. Ripple & Noise is measured from 10KHZ to 20MHz bandwidth at output with 0.1µF ceramic and 22µF electrolytic capacitors in parallel.
6. 10% minimum load is required to maintain the ripple and regulation.
7. Output is fully isolated
MECHANICAL DRAWINGS
U Type (U-Chassis Type): 6(L) x 4(W) x 1.5(H) inches; Weight: 21.16oz
Unit: mm [inches]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com