Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSPRL0801D Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # PSPRL0801D
Description  AC/DC Switching Power Supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPRL0801D Datasheet(HTML) 4 Page - Wall Industries,Inc.

  PSPRL0801D Datasheet HTML 1Page - Wall Industries,Inc. PSPRL0801D Datasheet HTML 2Page - Wall Industries,Inc. PSPRL0801D Datasheet HTML 3Page - Wall Industries,Inc. PSPRL0801D Datasheet HTML 4Page - Wall Industries,Inc. PSPRL0801D Datasheet HTML 5Page - Wall Industries,Inc. PSPRL0801D Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rev. A
PSPRL0801D Series
Up to 240 Watts
Dual Output, Active PFC
AC/DC Switching Power Supply
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
10/01/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 6
Type “C” Models (U-Chassis with Top Cover): 5(L) x 3.2(W) x 1.66(H) Inches; Weight: 19.40oz
Unit: mm [inches]
Type “E” Models (Enclosed with Rear Side Built-in Fan): 6.5(L) x 3.2(W) x 1.6(H) Inches; Weight: 22.93oz
Unit: mm [inches]
81.28 [3.20]
165.10 [6.50]
114.30 [4.50]
6.35
[0.25]
68.58 [2.70]
44.52 [1.75]
64.77 [2.55]
8.26 [0.32]
40.64 [1.60]
5.00 [0.20]
4.50 [0.18]
OUTPUT PIN ASSIGNMENT
Howder
Molex
V1:Pin 3
V1:Pins 6 ~ 8
RTN: Pin 2
RTN: Pins 2 ~ 5
V2: Pin 1
V2: Pin 1
OUTPUT PIN ASSIGNMENT
Howder
Molex
V1:Pin 3
V1:Pins 6 ~ 8
RTN: Pin 2
RTN: Pins 2 ~ 5
V2: Pin 1
V2: Pin 1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com