Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF2437E Datasheet(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

Part # SSF2437E
Description  Advanced MOSFET process technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF2437E Datasheet(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSF2437E Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF2437E Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF2437E Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF2437E Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF2437E Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF2437E Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF2437E Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSF2437E Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SSF2437E
©Silikron Semiconductor CO.,LTD.
2010.03.01
Version : 1.0
page 2 of 8
www.silikron.com
Electrical Characterizes @TA=25℃ unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown voltage
-20
—
—
V
VGS = 0V, ID = -250μA
RDS(on)
Static Drain-to-Source on-resistance
—
38
43
mΩ
VGS=-4.5V,ID = -4A
—
49
54
VGS=-2.5V,ID = -4A
—
68
73
VGS=-1.8V,ID = -2A
VGS(th)
Gate threshold voltage
-0.3
—
-1.0
V
VDS = VGS, ID = -250μA
—
-0.44
—
TJ = 125°C
IDSS
Drain-to-Source leakage current
—
—
-1
μA
VDS = -16V,VGS = 0V
—
—
-50
TJ = 125°C
IGSS
Gate-to-Source forward leakage
—
—
10
μA
VGS =8V
—
—
-10
VGS = -8V
Qg
Total gate charge
—
10
—
nC
ID = -4A,
VDS=-10V,
VGS = -4.5V
Qgs
Gate-to-Source charge
—
0.76
—
Qgd
Gate-to-Drain("Miller") charge
—
3.5
—
td(on)
Turn-on delay time
—
10
—
ns
VGS=-4.5V, VDS =-10V,
RGEN=3Ω,
tr
Rise time
—
8.4
—
td(off)
Turn-Off delay time
—
29
—
tf
Fall time
—
13
—
Ciss
Input capacitance
—
939
—
pF
VGS = 0V,
VDS =-10V,
ƒ = 1MHz
Coss
Output capacitance
—
132
—
Crss
Reverse transfer capacitance
—
108
—
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
—
—
-5.5 ①
A
MOSFET symbol
showing
the
integral reverse
p-n junction diode.
ISM
Pulsed Source Current
(Body Diode)
—
—
-30
A
VSD
Diode Forward Voltage
—
-0.76
-1.0
V
IS=1A, VGS=0V
trr
Reverse Recovery Time
—
9.2
—
ns
TJ = 25°C, IF =-4A,
di/dt = 10
0A/μs
Qrr
Reverse Recovery Charge
—
2.4
—
nC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com