Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF2649 Datasheet(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

Part # SSF2649
Description  Advanced trench MOSFET process technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF2649 Datasheet(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSF2649 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF2649 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF2649 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF2649 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF2649 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF2649 Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
                                
SSF2649 
Electrical Characterizes @TA=25℃ unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ.
Max.
Units
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
-20
V
Zero Gate Voltage Drain Current
IDSS
VDS=-20V,VGS=0V
-1
μA
Gate-Body Leakage Current
IGSS
VGS=±12V,VDS=0V
±100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250μA
-0.7
-3.0
V
VGS=-4.5V, ID =-2.9A
49
58
Drain-Source On-State Resistance
RDS(ON)
VGS=-2.7V, ID =-1.5A
82
98
mΩ
Forward Transconductance
gFS
VDS=-5V,ID=-5.3A
-
S
Input Capacitance
Clss
1040
PF
Output Capacitance
Coss
156
PF
Reverse Transfer Capacitance
Crss
VDS=-20V,VGS=0V,
F=1.0MHz
112
PF
Turn-on Delay Time
td(on)
9
nS
Turn-on Rise Time
tr
8
nS
Turn-Off Delay Time
td(off)
87
nS
Turn-Off Fall Time
tf
VDD=-10V, ID =-1A
VGS=-4.5V,RGEN=6Ω
38
nS
Total Gate Charge
Qg
12
nC
Gate-Source Charge
Qgs
2.7
nC
Gate-Drain Charge
Qgd
VDS=-10V,
ID=-4.7A,VGS=-4.5V
1.5
nC
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
—
—
-7.9
A
ISM
Pulsed Source Current
(Body Diode)
—
—
-30
A
MOSFET symbol
showing the
integral reverse
p-n junction diode.
V
SD
Diode Forward Voltage
—
—
-1
V
IS=-2.9A, VGS=0V
©Silikron Semiconductor CO., LTD.
2011.07.17
Version: 1.0
page 2 of 6
www.silikron.com
 
D
 
G
NOTES:
1.
Repetitive Rating: Pulse width limited by maximum junction temperature.
2.
Surface Mounted on FR4 Board, t ≤ 10 sec.
3.
Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4.
Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com