Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSAE800 Datasheet(PDF) 7 Page - Wall Industries,Inc.

Part # PSAE800
Description  AC/DC Switching Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAE800 Datasheet(HTML) 7 Page - Wall Industries,Inc.

  PSAE800 Datasheet HTML 1Page - Wall Industries,Inc. PSAE800 Datasheet HTML 2Page - Wall Industries,Inc. PSAE800 Datasheet HTML 3Page - Wall Industries,Inc. PSAE800 Datasheet HTML 4Page - Wall Industries,Inc. PSAE800 Datasheet HTML 5Page - Wall Industries,Inc. PSAE800 Datasheet HTML 6Page - Wall Industries,Inc. PSAE800 Datasheet HTML 7Page - Wall Industries,Inc. PSAE800 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Wall Industries, Inc.
Rev B
PSAE800 SERIES
Up to 804 Watts, AC/DC Switching Power Supplies
07/23/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 7 of 8
INSTALLATION INSTRUCTIONS
1. Mounting Directions
1-1 Recommended Standard Mounting Methods
(a)
(b)
(c)
3-M4
L=4mm max.
CN2
1
2
23
24
3-M4
L=4mm max.
3-M4
L=4mm max.
2. Mounting Method
2-1 There are ventilating holes on the front and back side panels. Do not obstruct; allow at least 50mm for airflow
2-2 The maximum allowable penetration for the screw is 4mm. Incomplete threading should not be penetrated.
2-3 Recommended torque of mounting screw: M4 screw: 1.27N • m (13.0kgf • cm)
FAN
Airflow
More than 50mm
More than 50mm
FAN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com