Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSAPF150 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSAPF150
Description  AC/DC LED Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAPF150 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSAPF150 Datasheet HTML 1Page - Wall Industries,Inc. PSAPF150 Datasheet HTML 2Page - Wall Industries,Inc. PSAPF150 Datasheet HTML 3Page - Wall Industries,Inc. PSAPF150 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc.
Rev A
PSAPF150 SERIES
150 Watt, AC/DC LED Switching Power Supplies
05/08/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 4
FEATURES
Isolation Class II
RoHS Compliant
Built-in Active PFC Function
150 Watts Maximum Output Power
Free Air Convection
MTBF > 75,000 Hours
Up to 93.5% High Efficiency
LED Power Applications
Fully Isolated Plastic Case with IP67 Level
3-in-1 Dimming Function (1~10VDC & PWM Signal or
Resistance)
Universal Input Voltage: 90~305VAC (120~430VDC)
Short Circuit, Over Voltage, Over Power, and Over
Temperature Protection
Output Voltage and Constant Current Level can be
Adjusted through Internal Potentiometer
DESCRIPTION
Size:
5.66 x 2.79 x 1.48 inches
143.8 x 70.8 x 37.5 mm
Applications:
Street Lighting
Landscape Lighting
Tunnel Lighting
Household Lighting
Indoor/Outdoor LED Lighting
The PSAPF150 series of AC/DC LED switching power supplies provides a maximum power rating
of 150W in a 5.66” x 2.79” x 1.48” fully isolated plastic case. These supplies meet IP67 waterproof
standards, which makes them suitable for harsh environments in industrial or commercial
outdoor lighting applications. The PSAPF150 series boasts the industry’s widest input voltage
range of 90-305VAC (120~430VDC) and has built-in active PFC, built-in dimming function, and
high efficiency up to 93.5%. This series is RoHS compliant and has short circuit, over voltage, over
power, and over temperature protection.
MODEL SELECTION TABLE
Model Number
Input Voltage
Output
Voltage
Constant
Current Range
Output Current
(Convection)
Current
Adj. Range
Ripple & Noise (1)
Maximum
Capacitive Load
Maximum
Output Power
Efficiency
PSAPF150-12S
12 VDC
6~12 VDC
12.5A
1.25~12.5A
100mVp-p
100,000μF
150W
90.5%
PSAPF150-24S
24 VDC
12~24 VDC
6.25A
0.625~6.25A
100mVp-p
50,000μF
150W
92.5%
PSAPF150-36S
36 VDC
18~36 VDC
4.166A
0.416~4.166A
100mVp-p
33,000μF
150W
93.5%
PSAPF150-48S
48 VDC
24~48 VDC
3.125A
0.312~3.125A
200mVp-p
6,000μF
150W
92.5%
PSAPF150-54S
90~305VAC
(120~430VDC)
54 VDC
27~54 VDC
2.777A
0.377~2.777A
200mVp-p
6,000μF
150W
92.5%
NOTES
1. Ripple & Noise is measured at 20MHz bandwidth and with 0.1μF and 47μF capacitors in parallel.
DERATING CURVES
Load vs Ambient Temperature
Load vs Input Voltage
0
20
40
60
80
100
120
-30 -20 -10
0
10
20
30
40
50
60
70
80
Ambient Temperature (°C)
50%
25%
0
20
40
60
80
100
120
90
115
135
155
230
264
305
Input Voltage (VAC)
Ta=25°C


Similar Part No. - PSAPF150

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAPF100 WALL-PSAPF100 Datasheet
548Kb / 4P
AC/DC LED Switching Power Supplies
PSAPF100-12S WALL-PSAPF100-12S Datasheet
548Kb / 4P
AC/DC LED Switching Power Supplies
PSAPF100-24S WALL-PSAPF100-24S Datasheet
548Kb / 4P
AC/DC LED Switching Power Supplies
PSAPF100-36S WALL-PSAPF100-36S Datasheet
548Kb / 4P
AC/DC LED Switching Power Supplies
PSAPF100-48S WALL-PSAPF100-48S Datasheet
548Kb / 4P
AC/DC LED Switching Power Supplies
More results

Similar Description - PSAPF150

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
AC/DC Switching Power Supplies
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
AC/DC Switching Power Supplies
PSALF240 WALL-PSALF240 Datasheet
224Kb / 4P
AC/DC LED Switching Power Supplies
PSAPF100 WALL-PSAPF100 Datasheet
548Kb / 4P
AC/DC LED Switching Power Supplies
PSPSF100 WALL-PSPSF100 Datasheet
103Kb / 3P
AC/DC LED Switching Power Supplies
PSQLF100 WALL-PSQLF100 Datasheet
120Kb / 4P
AC/DC LED Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com