Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSLSU60 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSLSU60
Description  AC/DC LED Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSLSU60 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSLSU60 Datasheet HTML 1Page - Wall Industries,Inc. PSLSU60 Datasheet HTML 2Page - Wall Industries,Inc. PSLSU60 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc.
Rev C
PSLSU60 SERIES
60 Watts, AC/DC LED Power Supplies
07/08/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 3
FEATURES
• Class I
• RoHS Compliant
• IP67 Rated
• C.C. Mode and C.V. Mode
• Constant Current: 0.84~5.45A
• Constant Voltage: 11~58VDC
• Active Power Factor Correction
• 60 Watts Maximum Output Power
• Wide Input Voltage Range: 90~305VAC, 47~63Hz
• Internal EMI Filter
• Over Voltage, Over Current, & Over Temp. Protection
• Up to 90% High Efficiency
DESCRIPTION
The PSLSU60 series of AC/DC LED switching power supplies provides a maximum power rating of 60W,
with constant current ratings ranging from 0.84~5.45A and constant voltage ranging from 11~58VDC.
These supplies have a 90-305VAC input voltage range, active PFC, an internal EMI filter, and high
efficiency up to 90%. These supplies are housed in a 6.61” x 1.67” x 1.22” enclosure, rated to IP67
waterproof standards, which makes them suitable for harsh environments in industrial or commercial
outdoor lighting applications. This series is RoHS compliant and has over voltage, over current, and
over temperature protection.
MODEL SELECTION TABLE
Load Regulation
Model Number
Input Voltage Range
Output Voltage (1)
Output Current
Ripple & Noise
C.C.
C.V.
Output Power
PSLSU60-105-11V
11 VDC
0 ~ 5.45 A
1%
3%
3%
60W
PSLSU60-105-12V
12 VDC
0 ~ 5.00 A
1%
3%
3%
60W
PSLSU60-105-13V
90 ~ 305 VAC
13 VDC
0 ~ 4.61 A
1%
3%
3%
60W
PSLSU60-107-16V
16 VDC
0 ~ 3.75 A
1%
3%
3%
60W
PSLSU60-107-17V
17 VDC
0 ~ 3.52 A
1%
3%
3%
60W
PSLSU60-107-18V
18 VDC
0 ~ 3.33 A
1%
3%
3%
60W
PSLSU60-107-19V
19 VDC
0 ~ 3.15 A
1%
3%
3%
60W
PSLSU60-107-20V
20 VDC
0 ~ 3.00 A
1%
3%
3%
60W
PSLSU60-107-21V
90 ~ 305 VAC
21 VDC
0 ~ 2.85 A
1%
3%
3%
60W
PSLSU60-108-21V
21 VDC
0 ~ 2.85 A
1%
3%
3%
60W
PSLSU60-108-22V
22 VDC
0 ~ 2.72 A
1%
3%
3%
60W
PSLSU60-108-23V
23 VDC
0 ~ 2.60 A
1%
3%
3%
60W
PSLSU60-108-24V
24 VDC
0 ~ 2.50 A
1%
3%
3%
60W
PSLSU60-108-25V
25 VDC
0 ~ 2.40 A
1%
3%
3%
60W
PSLSU60-108-26V
26 VDC
0 ~ 2.30 A
1%
3%
3%
60W
PSLSU60-108-27V
90 ~ 305 VAC
27 VDC
0 ~ 2.22 A
1%
3%
3%
60W
PSLSU60-111-40V
40 VDC
0 ~ 1.50 A
1%
3%
3%
60W
PSLSU60-111-41V
41 VDC
0 ~ 1.46 A
1%
3%
3%
60W
PSLSU60-111-42V
42 VDC
0 ~ 1.42 A
1%
3%
3%
60W
PSLSU60-111-43V
43 VDC
0 ~ 1.39 A
1%
3%
3%
60W
PSLSU60-111-44V
44 VDC
0 ~ 1.36 A
1%
3%
3%
60W
PSLSU60-111-45V
45 VDC
0 ~ 1.33 A
1%
3%
3%
60W
PSLSU60-111-46V
46 VDC
0 ~ 1.30 A
1%
3%
3%
60W
PSLSU60-111-47V
47 VDC
0 ~ 1.27 A
1%
3%
3%
60W
PSLSU60-111-48V
48 VDC
0 ~ 1.25 A
1%
3%
3%
60W
PSLSU60-111-49V
49 VDC
0 ~ 1.22 A
1%
3%
3%
60W
PSLSU60-111-50V
90 ~ 305 VAC
50 VDC
0 ~ 1.20 A
1%
3%
3%
60W
PSLSU60-112-50V
50 VDC
0 ~ 1.20 A
1%
3%
3%
60W
PSLSU60-112-51V
51 VDC
0 ~ 1.17 A
1%
3%
3%
60W
PSLSU60-112-52V
52 VDC
0 ~ 1.15 A
1%
3%
3%
60W
PSLSU60-112-53V
53 VDC
0 ~ 1.13 A
1%
3%
3%
60W
PSLSU60-112-54V
54 VDC
0 ~ 1.11 A
1%
3%
3%
60W
PSLSU60-112-55V
55 VDC
0 ~ 1.09 A
1%
3%
3%
60W
PSLSU60-112-56V
56 VDC
0 ~ 1.07 A
1%
3%
3%
60W
PSLSU60-112-57V
57 VDC
0 ~ 1.05 A
1%
3%
3%
60W
PSLSU60-112-58V
90 ~ 305 VAC
58 VDC
0 ~ 1.03 A
1%
3%
3%
60W
NOTES
1. For constant current (C.C.) mode, the output voltage will vary from Vo to 0.6 x Vo (See C.V. vs C.C. curve on page 3).
Size:
6.61 x 1.67 x 1.22 inches
168.0 x 42.5 x 31.0 mm


Similar Part No. - PSLSU60

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSLSU120 WALL-PSLSU120 Datasheet
180Kb / 4P
AC/DC LED Power Supplies
PSLSU85 WALL-PSLSU85 Datasheet
174Kb / 4P
AC/DC LED Power Supplies
More results

Similar Description - PSLSU60

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
AC-DC Power Supplies
logo
Wall Industries,Inc.
PSALF240 WALL-PSALF240 Datasheet
224Kb / 4P
AC/DC LED Switching Power Supplies
PSAPF100 WALL-PSAPF100 Datasheet
548Kb / 4P
AC/DC LED Switching Power Supplies
PSAPF150 WALL-PSAPF150 Datasheet
547Kb / 4P
AC/DC LED Switching Power Supplies
PSLSU85 WALL-PSLSU85 Datasheet
174Kb / 4P
AC/DC LED Power Supplies
PSLSU120 WALL-PSLSU120 Datasheet
180Kb / 4P
AC/DC LED Power Supplies
PSPSF100 WALL-PSPSF100 Datasheet
103Kb / 3P
AC/DC LED Switching Power Supplies
PSQLF100 WALL-PSQLF100 Datasheet
120Kb / 4P
AC/DC LED Switching Power Supplies
PSZLF75 WALL-PSZLF75 Datasheet
262Kb / 4P
AC/DC Open Frame LED Power Supplies
PSZLF100 WALL-PSZLF100 Datasheet
258Kb / 4P
AC/DC Open Frame LED Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com