Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMBU153 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSMBU153
Description  AC/DC Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSMBU153 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSMBU153 Datasheet HTML 1Page - Wall Industries,Inc. PSMBU153 Datasheet HTML 2Page - Wall Industries,Inc. PSMBU153 Datasheet HTML 3Page - Wall Industries,Inc. PSMBU153 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. A
PSMBU153 Series
150 Watt, Open Frame
Single Outputs, Active PFC
Medical AC/DC Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
10/01/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 4
MODEL SELECTION TABLE
Model Number
Input Voltage Range
Output Voltage
Output Current
Total Regulation
Max. Output Power
PSMBU153-105
90 ~ 260VAC
12 VDC
12.5 A
5%
150W
PSMBU153-108
90 ~ 260VAC
24 VDC
6.25 A
3%
150W
DERATING CURVE
Ambient Temperature (°C)
0
10
20
30
40
50
60
70
80
120
100
80
60
40
20
0
NOTES:
1. Operating Temperature: 0°C to +70°C
2. Derating linearly from 100% load at 50°C to 50% load at 70°C
MECHANICAL DRAWING
1.57±0.02
(40.0±0.5)
0.80±0.02
(20.3±0.5)
M3*P0.02(P0.5) MOUNTING HOLES x 2
1.44±0.02
(36.6±0.5)
0.06 (1.6)
0.12 (3.0) max.
PITCH = 0.16 (3.96)
DC
OUTPUT
0.22±0.02 (5.7±0.5)
PITCH = 0.31 (7.92)
AC
INPUT
5.00±0.02 (127.0±0.5)
4.55±0.02 (115.6±0.5)
G
N
L
Ø0.16 (Ø4) MOUNTING HOLES x 4
Unit: inches (mm)
LED
P1
P2
1
8
PIN CONNECTIONS
Pin
Assignment
1
Vout
2
Vout
3
Vout
4
Vout
5
RTN
6
RTN
7
RTN
8
RTN
NOTES:
1. All dimensions are for reference only
2. Weight: Approximately 14.82oz (420g)
3. Input Connector: Mates with Molex housing 09-50-3051 and Molex 2478 series crimp terminal
4. Output Connector: Mates with Molex housing 09-50-3081 and Molex 2478 series crimp terminal
or DINKLE#DT-2GN-B01W-04P and DINKLE#ESK750V-04P



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com