Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF5506 Datasheet(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

Part # SSF5506
Description  Advanced MOSFET process technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF5506 Datasheet(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSF5506 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF5506 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF5506 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF5506 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF5506 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF5506 Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF5506 Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSF5506 Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
                                
SSF5506 
©Silikron Semiconductor CO.,LTD.
2013.08.13
Version : 1.1
page 1 of 8
www.silikron.com
 
Main Product Characteristics:
Features and Benefits:
Description:
Absolute max Rating:
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V①
140
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V①
100
IDM
Pulsed Drain Current
520
PD @TC = 25°C
Power Dissipation
220
W
Linear Derating Factor
1.5
W/°C
VDS
Drain-Source Voltage
55
V
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy @ L=0.3mH
735
mJ
IAR
Avalanche Current @ L=0.3mH
70
A
TJ TSTG
Operating Junction and Storage Temperature Range
-55 to + 175
°C
VDSS
55V
RDS(on)
3.8mΩ(typ.)
ID
140A
TO-220
 
Marking and pin
Assignment
 
Schematic diagram
 
Advanced MOSFET process technology
Special designed for PWM, load switching and
general purpose applications
Ultra low on-resistance with low gate charge
Fast switching and reverse body recovery
175℃ operating temperature
 
 
 
It utilizes the latest processing techniques to achieve the high cell density and reduces the on-resistance with
high repetitive avalanche rating. These features combine to make this design an extremely efficient and reliable
device for use in power switching application and a wide variety of other applications 


Similar Part No. - SSF5506

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF5506 GOOD-ARK-SSF5506 Datasheet
1Mb / 7P
55V N-Channel MOSFET
SSF5506 GOOD-ARK-SSF5506_15 Datasheet
1Mb / 7P
55V N-Channel MOSFET
More results

Similar Description - SSF5506

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
BSS138W SILIKRON-BSS138W Datasheet
469Kb / 6P
Advanced MOSFET process technology
SSF6N70G SILIKRON-SSF6N70G Datasheet
457Kb / 8P
Advanced MOSFET process technology
SSF1090D SILIKRON-SSF1090D Datasheet
441Kb / 8P
Advanced MOSFET process technology
SSF2116EJ3 SILIKRON-SSF2116EJ3 Datasheet
353Kb / 6P
Advanced MOSFET process technology
SSF2129H3 SILIKRON-SSF2129H3 Datasheet
550Kb / 7P
Advanced MOSFET process technology
SSF3960J7-HF SILIKRON-SSF3960J7-HF Datasheet
548Kb / 7P
Advanced MOSFET process technology
SSF4004S SILIKRON-SSF4004S Datasheet
518Kb / 8P
Advanced MOSFET process technology
SSF6007 SILIKRON-SSF6007 Datasheet
509Kb / 6P
Advanced MOSFET process technology
SSFD4004 SILIKRON-SSFD4004 Datasheet
567Kb / 8P
Advanced MOSFET process technology
SSFT4003 SILIKRON-SSFT4003 Datasheet
505Kb / 9P
Advanced MOSFET process technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com