Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XFEI2012 Datasheet(PDF) 1 Page - XFMRS Inc.

Part # XFEI2012
Description  MULTILAYER FERRITE CHIP INDUCTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

XFEI2012 Datasheet(HTML) 1 Page - XFMRS Inc.

  XFEI2012 Datasheet HTML 1Page - XFMRS Inc. XFEI2012 Datasheet HTML 2Page - XFMRS Inc. XFEI2012 Datasheet HTML 3Page - XFMRS Inc. XFEI2012 Datasheet HTML 4Page - XFMRS Inc. XFEI2012 Datasheet HTML 5Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
XFMRS
XFMRS, INC.
1940 Landersdale Road • Camby, Indiana 46113 • Tel. (317) 834-1066 • Fax: (317) 834-1067
XFMRS
10
n PRODUCT IDENTIFICATION
XFEI
3216
1R0
Packaging style
B: Bulk
T: Tape & Reel
Tolerance = k = +/- 10%; M = +/- 20%
Inductance = 1.00
µH
Dimension = C
Dimension = A, B
Product symbol
n SHAPES AND DIMENSIONS
n TERMINAL ELECTRODE CONSTRUCTION
Dimension in mm [inches]
PART NO.
A
BCD
XFEI-3216
XFEI-2012
3.2 +/- 0.2
[.126 +/- .008]
2.0
[.079
1.6 +/- 0.2
[.063 +/- .008]
1.25 +/- 0.2
[.049 +/- .008]
0.6 +/- 0.2
[.024 +/- .008]
1.1 +/- 0.3
[.043 +/- .012]
0.5 +/- 0.3
[.020 +/- .012]
0.5 +/- 0.3
[.020 +/- .012]
0.85 +/- 0.2
[.033 +/- .008]
1.25 +/- 0.2
[.049 +/- .008]
+ 0.3
- 0.1
+ .012
- .004
]


Similar Part No. - XFEI2012

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFEI2012 XFMRS-XFEI2012 Datasheet
104Kb / 5P
MULTILAYER FERRITE CHIP INDUCTOR
XFEI201209-1R0K XFMRS-XFEI201209-1R0K Datasheet
31Kb / 1P
MULTILAYER FERRITE CHIP INDUCTOR
XFEI201209-1R0K XFMRS-XFEI201209-1R0K Datasheet
31Kb / 1P
MULTILAYER FERRITE CHIP INDUCTOR
XFEI201209-1R0K XFMRS-XFEI201209-1R0K_15 Datasheet
31Kb / 1P
Multi Layer Ferrite Chip inductor
XFEI201209-4R7N XFMRS-XFEI201209-4R7N Datasheet
30Kb / 1P
Multi Layer Chip Inductor
More results

Similar Description - XFEI2012

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFEI201209-1R0K XFMRS-XFEI201209-1R0K Datasheet
31Kb / 1P
MULTILAYER FERRITE CHIP INDUCTOR
logo
List of Unclassifed Man...
CB05YTYN102 ETC2-CB05YTYN102 Datasheet
141Kb / 8P
Multilayer Ferrite Chip Bead Inductor
logo
XFMRS Inc.
XFEI201209-1R0K XFMRS-XFEI201209-1R0K Datasheet
31Kb / 1P
MULTILAYER FERRITE CHIP INDUCTOR
XFEI2012 XFMRS-XFEI2012_15 Datasheet
104Kb / 5P
MULTILAYER FERRITE CHIP INDUCTOR
logo
Abracon Corporation
AIML-0402 ABRACON-AIML-0402 Datasheet
1Mb / 3P
MULTILAYER FERRITE CHIP INDUCTOR
01.24.12
AIML-0603 ABRACON-AIML-0603 Datasheet
1Mb / 3P
MULTILAYER FERRITE CHIP INDUCTOR
01.26.12
AIML-0603HC ABRACON-AIML-0603HC Datasheet
1Mb / 3P
MULTILAYER FERRITE CHIP INDUCTOR
01.10.14
AIML-0805HC ABRACON-AIML-0805HC Datasheet
1Mb / 3P
Multilayer Ferrite Chip Inductor (High Current)
03.04.14
AIML-1008HC ABRACON-AIML-1008HC Datasheet
698Kb / 3P
Multilayer Ferrite Chip Inductor (High Current)
03.04.14
logo
Stackpole Electronics, ...
FB_SERIES SEI-FB_SERIES Datasheet
762Kb / 17P
Multilayer Ferrite Chip Bead Inductor
04/28/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com