Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW13N50B Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW13N50B
Description  N-channel TO-220F MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW13N50B Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW13N50B Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW13N50B Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW13N50B Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW13N50B Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW13N50B Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
July. 2013. Rev. 3.0
1/5
Features
■ High ruggedness
■ R
DS(ON) (Max 0.52
Ω)@V
GS=10V
■ Gate Charge (Typical 29nC)
■ Improved dv/dt Capability
■ 100% Avalanche Tested
General Description
This power MOSFET is produced with advanced VDMOS technology of SAMWIN.
This technology enable power MOSFET to have better characteristics, such as fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics. It is mainly suitable for half bridge or full bridge resonant topology like a
electronic ballast, and also low power switching mode power appliances.
N-channel TO-220F MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDSS
Drain to Source Voltage
500
V
ID
Continuous Drain Current (@TC=25oC)
13.0*
A
Continuous Drain Current (@TC=100oC)
8.2*
A
IDM
Drain current pulsed
(note 1)
52
A
VGS
Gate to Source Voltage
±30
V
EAS
Single pulsed Avalanche Energy
(note 2)
828
mJ
EAR
Repetitive Avalanche Energy
(note 1)
152
mJ
dv/dt
Peak diode Recovery dv/dt
(note 3)
4.5
V/ns
PD
Total power dissipation (@TC=25oC)
67.5
W
Derating Factor above 25oC
0.54
W/oC
TSTG, TJ
Operating Junction Temperature & Storage Temperature
-55 ~ + 150
oC
TL
Maximum Lead Temperature for soldering
purpose, 1/8 from Case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
Rthjc
Thermal resistance, Junction to case
1.85
oC/W
Rthcs
Thermal resistance, Case to Sink
-
oC/W
Rthja
Thermal resistance, Junction to ambient
44
oC/W
BV
DSS : 500V
I
D
: 13A
R
DS(ON) : 0.52ohm
1
2
3
SW13N50B
SAMWIN
1
2
3
1. Gate 2. Drain 3. Source
TO-220F
Item
Sales Type
Marking
Package
Packaging
1
SW F 13N50B
SW13N50
TO-220F
TUBE
Order Codes


Similar Part No. - SW13N50B

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW13N50 SEMIPOWER-SW13N50 Datasheet
704Kb / 7P
N-channel MOSFET
SW13N50D SEMIPOWER-SW13N50D Datasheet
653Kb / 6P
N-channel Enhancement mode TO-220F MOSFET
More results

Similar Description - SW13N50B

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SWP4N65 SEMIPOWER-SWP4N65 Datasheet
775Kb / 7P
N-channel MOSFET (TO-220F , TO-220)
SWP50N06A SEMIPOWER-SWP50N06A Datasheet
576Kb / 7P
N-channel MOSFET (TO-220F , TO-220)
SW8N90 SEMIPOWER-SW8N90 Datasheet
386Kb / 5P
N-channel TO-220F MOSFET
SW7N65B SEMIPOWER-SW7N65B Datasheet
494Kb / 5P
N-channel TO-220F MOSFET
SW5N60 SEMIPOWER-SW5N60 Datasheet
384Kb / 5P
N-channel TO-220F MOSFET
SW7N60D SEMIPOWER-SW7N60D Datasheet
625Kb / 5P
N-channel TO-220F MOSFET
SW7N60H SEMIPOWER-SW7N60H Datasheet
550Kb / 5P
N-channel TO-220F MOSFET
SW10N60D SEMIPOWER-SW10N60D Datasheet
687Kb / 5P
N-channel TO-220F MOSFET
SW15N50 SEMIPOWER-SW15N50 Datasheet
627Kb / 5P
N-channel TO-220F MOSFET
SW20N65K SEMIPOWER-SW20N65K Datasheet
777Kb / 6P
N-channel TO-220/TO-220F MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com