Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW230N04B Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW230N04B
Description  N-channel TO-220 MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW230N04B Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW230N04B Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW230N04B Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW230N04B Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW230N04B Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW230N04B Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
May. 2014. Rev.1.0
Features
■ High ruggedness
■ R
DS(ON) (Max4.0mΩ)@VGS=10V
■ Gate Charge (Typical 190nC)
■ Improved dv/dt Capability
■ 100% Avalanche Tested
N-channel TO-220 MOSFET
Absolute maximum ratings
Thermal characteristics
Symbol
Parameter
Value
Unit
R
thjc
Thermal resistance, Junction to case
0.43
oC/W
R
thcs
Thermal resistance, Case to Sink
oC/W
R
thja
Thermal resistance, Junction to ambient
51.2
oC/W
1/5
BV
DSS : 40V
I
D
: 230A
R
DS(ON) :4.0mΩ
1
2
3
SW230N04B
SAMWIN
Item
Sales Type
Marking
Package
Packaging
1
SW P 230N04
SW230N04B
TO-220
TUBE
Order Codes
Symbol
Parameter
Value
Unit
V
DSS
Drain to Source Voltage
40
V
I
D
Continuous Drain Current (@T
C=25
oC)
230*
A
Continuous Drain Current (@T
C=100
oC)
144.9*
A
I
DM
Drain current pulsed
(note 1)
920
A
V
GS
Gate to Source Voltage
± 25
V
E
AS
Single pulsed Avalanche Energy
(note 2)
900
mJ
E
AR
Repetitive Avalanche Energy
(note 1)
302
mJ
dv/dt
Peak diode Recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
288.7
W
Derating Factor above 25oC
2.3
W/oC
T
STG, TJ
Operating Junction Temperature & Storage Temperature
-55 ~ + 150
oC
T
L
Maximum Lead Temperature for soldering
purpose, 1/8 from Case for 5 seconds.
300
oC
General Description
This power MOSFET is produced with advanced VDMOS technology of SAMWIN.
This technology enable power MOSFET to have better characteristics, such as fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics. This power MOSFET is usually used at high efficient DC to DC
converter block and switch mode power supply.
*. Drain current is limited by junction temperature.
1. Gate 2. Drain 3. Source
1
2
3
TO-220


Similar Part No. - SW230N04B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW23000 SUNNYWAY-SW23000 Datasheet
401Kb / 1P
Telecom & Industry stationary battery
SW230000 SUNNYWAY-SW230000 Datasheet
477Kb / 1P
Telecom & Industry stationary battery
SW230000E SUNNYWAY-SW230000E Datasheet
538Kb / 1P
Photovaltaic & wind power battery
SW230000E SUNNYWAY-SW230000E Datasheet
493Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW230000E SUNNYWAY-SW230000E_17 Datasheet
493Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
More results

Similar Description - SW230N04B

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW7N60R SEMIPOWER-SW7N60R Datasheet
677Kb / 5P
N-channel TO-220 MOSFET
SW60N06T SEMIPOWER-SW60N06T Datasheet
751Kb / 5P
N-channel TO-220 MOSFET
SW75N08 SEMIPOWER-SW75N08 Datasheet
391Kb / 5P
N-channel TO-220 MOSFET
SW80N08A SEMIPOWER-SW80N08A Datasheet
768Kb / 5P
N-channel TO-220 MOSFET
SW100N10 SEMIPOWER-SW100N10 Datasheet
678Kb / 5P
N-channel TO-220 MOSFET
SW100N10A SEMIPOWER-SW100N10A Datasheet
534Kb / 5P
N-channel TO-220 MOSFET
SW100N10B SEMIPOWER-SW100N10B Datasheet
547Kb / 5P
N-channel TO-220 MOSFET
SW120N04M SEMIPOWER-SW120N04M Datasheet
771Kb / 5P
N-channel TO-220 MOSFET
SW150N10A SEMIPOWER-SW150N10A Datasheet
564Kb / 5P
N-channel TO-220 MOSFET
SW210N04A SEMIPOWER-SW210N04A Datasheet
572Kb / 5P
N-channel TO-220 MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com