Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDL7605P2C Datasheet(PDF) 4 Page - NEC

Part # NDL7605P2C
Description  1 310 nm OPTICAL CATV RETURN PATH APPLICATIONS InGaAsP MQW DFB LASER DIODE MODULE WITH ISOLATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7605P2C Datasheet(HTML) 4 Page - NEC

  NDL7605P2C Datasheet HTML 1Page - NEC NDL7605P2C Datasheet HTML 2Page - NEC NDL7605P2C Datasheet HTML 3Page - NEC NDL7605P2C Datasheet HTML 4Page - NEC NDL7605P2C Datasheet HTML 5Page - NEC NDL7605P2C Datasheet HTML 6Page - NEC NDL7605P2C Datasheet HTML 7Page - NEC NDL7605P2C Datasheet HTML 8Page - NEC NDL7605P2C Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet P14039EJ2V0DS00
4
NDL7605P Series
ELECTRO-OPTICAL CHARACTERISTICS
(TC = 25
°°°°C, Optical Reflection ≤≤≤≤ −−−−50 dB, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Forward Voltage
VF
IF = 30 mA
0.9
1.1
1.3
V
Optical Output Power from Fiber
Pf
CW
2.0
mW
Threshold Current
Ith
CW
15
30
mA
CW, TC = 85
°C40
60
Differential Efficiency from Fiber
ηd
Pf = 2.0 mW
0.080
0.200
W/A
Temperature Dependence of
Differential Efficiency from Fiber
∆η d
Pf = 2.0 mW,
η (85 °C) / η (25 °C)
−3.0
dB
Peak Emission Wavelength
λp
Pf = 2.0 mW, RMS (
−20 dB)
1 290
1 310
1 330
nm
Side Mode Suppression Ratio
SMSR
Pf = 2.0 mW
30
dB
2nd Order Inter-modulation Distortion
IMD2
*1
−50
dBc
*1, TC =
−40 to +85 °C
−45
3rd Order Inter-modulation Distortion
IMD3
*1, TC =
−40 to +85 °C
−60
dBc
Carrier to Noise Ratio
CNR
*1, TC =
−40 to +85 °C
52
dB
Monitor Current
Im
VR = 5 V, Pf = 2.0 mW
100
500
1 000
µA
Dark Current
ID
VR = 5 V
0.1
10
nA
Tracking Error
γ
*2
Im = const., Pf = 2.0 mW,
TC =
−40 to +85 °C
1.5
dB
Optical Isolation
ISO
30
dB
*1 Conditions: Pf = 2.0 mW, TC = 25
°C, 2 channel unmodulated carriers 13 MHz and 19 MHz,
Optical Reflection =
−50 dB, Optical Loss = 7 dB, OMI = 10 %/ch
*2
γ = 10 log
Im
Pf (mW)
Pf
2.0
Im
(@ Pf (25 ˚C) = 2.0 mW)
0
TC = –40 to +85 ˚C
TC = 25 ˚C
Pf
2.0 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com