Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDL7620P Datasheet(PDF) 1 Page - NEC

Part # NDL7620P
Description  1 550 nm OPTICAL FIBER COMMUNICATIONS EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH APPLICATIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7620P Datasheet(HTML) 1 Page - NEC

  NDL7620P Datasheet HTML 1Page - NEC NDL7620P Datasheet HTML 2Page - NEC NDL7620P Datasheet HTML 3Page - NEC NDL7620P Datasheet HTML 4Page - NEC NDL7620P Datasheet HTML 5Page - NEC NDL7620P Datasheet HTML 6Page - NEC NDL7620P Datasheet HTML 7Page - NEC NDL7620P Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
The information in this document is subject to change without notice.
©
1997
Document No. P12456EJ3V0DS00 (3rd edition)
Date Published November 1998 NS CP(K)
Printed in Japan
LASER DIODE
NDL7910P
1 550 nm OPTICAL FIBER COMMUNICATIONS
EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE
FOR 2.5 Gb/s ULTRALONG-REACH APPLICATIONS
The mark
•
•
•
• shows major revised points.
DESCRIPTION
The NDL7910P is an EA modulator integrated 1 550 nm DFB-LD for 2.5 Gb/s. The newly developed bandgap
energy controlled Selective MOVPE technology is utilized as fabrication method. It is designed for 2.5 Gb/s ultralong-
reach applications.
FEATURES
• Integrated electroabsorption modulator
• Low modulation voltage
• Wavelength selectable for ITU-T standards
• 14-pin butterfly package
Pin No.
Pin No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
PD
+
–
#8
#14
LD
29.97 ±0.25
20.83±0.13
26.04±0.13
7
8
1
14
15.24
2.54
0.5
4– 2.67
φ
22.3
#7
#1
MOD
Function
Function
PIN CONNECTIONS
Thermistor
Thermistor
LD DC Bias
PD Anode
PD Cathode
Cooler Anode
Cooler Cathode
GND
GND
NC
GND
Signal Input (MOD),
50
Ω RF Input
GND
GND
Cooler
Thermistor
PACKAGE DIMENSIONS
in millimeters
Optical Fiber (SMF)
Length: 1 m


Similar Part No. - NDL7620P

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7620P NEC-NDL7620P Datasheet
74Kb / 8P
1 310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7620P NEC-NDL7620P Datasheet
71Kb / 8P
1 310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB LASER DIODE COAXIAL MODULE FOR 2.5 Gb/s
NDL7620P NEC-NDL7620P Datasheet
74Kb / 8P
1 550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DFB DC-PBH LASER DIODE MODULE
NDL7620P NEC-NDL7620P Datasheet
82Kb / 8P
1 500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7620P NEC-NDL7620P Datasheet
66Kb / 8P
1 550 nm CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE
More results

Similar Description - NDL7620P

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7620P NEC-NDL7620P Datasheet
71Kb / 8P
1 310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB LASER DIODE COAXIAL MODULE FOR 2.5 Gb/s
NDL7701P NEC-NDL7701P Datasheet
74Kb / 8P
1 550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DFB DC-PBH LASER DIODE MODULE
logo
Ericsson
PGT20102 ERICSSON-PGT20102 Datasheet
278Kb / 4P
DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20326 ERICSSON-PGT20326 Datasheet
289Kb / 4P
DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20327 ERICSSON-PGT20327 Datasheet
290Kb / 4P
DFB/EA Laser Module for 2.5 Gb/s Applications
logo
California Eastern Labs
NX8564LE CEL-NX8564LE Datasheet
570Kb / 11P
NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS
logo
NEC
NDL7620P NEC-NDL7620P_00 Datasheet
45Kb / 4P
1310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB LASER DIODE COAXIAL MODULE FOR 2.5 Gb/s
NDL7911P NEC-NDL7911P Datasheet
36Kb / 5P
1550 nm OPTICAL FIBER COMM EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s D-WDM ULTRALONG-REACH APPLICATIONS (360 km)
NDL7912P NEC-NDL7912P Datasheet
35Kb / 5P
1550 nm OPTICAL FIBER COMM EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s D-WDM ULTRALONG-REACH APPLICATIONS (600 km)
logo
California Eastern Labs
NX8567SA CEL-NX8567SA Datasheet
160Kb / 5P
EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 240, 360, 600 km DWDM APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com