Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF80100 Datasheet(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

Part # SSF80100
Description  Advanced MOSFET process technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF80100 Datasheet(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSF80100 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF80100 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF80100 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF80100 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF80100 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF80100 Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF80100 Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSF80100 Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
                                
SSF80100 
©Silikron Semiconductor CO., LTD.
2014.10.20
Version: 1.0
page 2 of 8
www.silikron.com
 
Thermal Resistance
Symbol
Characterizes
Typ.
Max.
Units
RθJC
Junction-to-case ③
—
0.75
℃
/W
RθJA
Junction-to-ambient (t ≤ 10s) ④
—
62
℃
/W
Junction-to-Ambient (PCB mounted, steady-state) ④
—
40
℃
/W
Electrical Characterizes @TA=25℃ unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown voltage
75
—
—
V
VGS = 0V, ID = 250μA
RDS(on)
Static Drain-to-Source on-resistance
—
8
10
mΩ
VGS=10V,ID = 30A
—
14.9
—
TJ = 125℃
VGS(th)
Gate threshold voltage
2
—
4
V
VDS = VGS, ID = 250μA
—
2.11
—
TJ = 125℃
IDSS
Drain-to-Source leakage current
—
—
1
μA
VDS = 75V,VGS = 0V
—
—
50
TJ = 125℃
IGSS
Gate-to-Source forward leakage
— 
— 
100
nA
VGS =20V
— 
— 
-100
VGS = -20V
Qg
Total gate charge
— 
73
—
nC
ID = 30A,
VDS=30V,
VGS = 10V
Qgs
Gate-to-Source charge
— 
29
—
Qgd
Gate-to-Drain("Miller") charge
— 
23
—
td(on)
Turn-on delay time
— 
19
—
ns
VGS=10V, VDS=30V,
RL=15Ω,
RGEN=2.5Ω
tr
Rise time
— 
18
—
td(off)
Turn-Off delay time
— 
56
—
tf
Fall time
— 
24
—
Ciss
Input capacitance
— 
4308
—
pF
VGS = 0V
VDS = 25V
ƒ = 1MHz
Coss
Output capacitance
— 
328
—
Crss
Reverse transfer capacitance
— 
118
—
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
—
—
80 ①
A
MOSFET symbol
showing the
integral reverse
p-n junction diode.
ISM
Pulsed Source Current
(Body Diode)
—
—
320
A
V
SD
Diode Forward Voltage
—
0.88
1.3
V
IS=30A, VGS=0V
trr
Reverse Recovery Time
—
36
—
ns
TJ = 25°C, IF =75A, di/dt =
100A/μs
Qrr
Reverse Recovery Charge
—
50
—
nC
 



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com