Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD49235FS Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HD49235FS
Description  Digital Signal Processor for CD
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD49235FS Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HD49235FS Datasheet HTML 1Page - Hitachi Semiconductor HD49235FS Datasheet HTML 2Page - Hitachi Semiconductor HD49235FS Datasheet HTML 3Page - Hitachi Semiconductor HD49235FS Datasheet HTML 4Page - Hitachi Semiconductor HD49235FS Datasheet HTML 5Page - Hitachi Semiconductor HD49235FS Datasheet HTML 6Page - Hitachi Semiconductor HD49235FS Datasheet HTML 7Page - Hitachi Semiconductor HD49235FS Datasheet HTML 8Page - Hitachi Semiconductor HD49235FS Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
HD49235FS
Rev.2, Aug. 1995, page 4 of 41
Pin Description (cont)
Pin
Polarity
No. Symbol
Name
I/O*
Connection
Function
H
L
21
MPX
Multiplex
O
DAC or ROM
decoder
Left/right channel switching
signal output (44.1 kHz at
normal speed, synchronized
with DAS)
22
C2F
C2 flag
O
ROM decoder
C2 error flag output
Error
23
QMX
Quad multiplex O
4
× MPX clock signal
(176.4 kHz at normal speed,
synchronized with DAS)
24
DMX
Double
multiplex
O2
× MPX clock signal
(88.2 kHz at normal speed,
synchronized with DAS)
25
UCK
µ-com clock
O
Microprocessor Clock output for
microprocessor
(8.5 MHz or 17 MHz)
26
TC1
Test C1 flag
O
C1 error flag monitor pin
Error
27
MCK
Master clock
O
Master clock output
(33.8688 MHz)
28
NC
No connection —
Open or VDD
Not connected
29
XCO
X’tal clock
output
XO
Crystal
oscillator
Crystal oscillator output
30
XCI
X’tal clock
input
XI
Crystal
oscillator
Crystal oscillator input
31
V
SS (D)
V
SS (digital)
—
Digital ground
32
NC
No connection —
Open
Not connected
33
NC
No connection —
Open
Not connected
34
NC
No connection —
Open
Not connected
35
NC
No connection —
Open
Not connected
36
NC
No connection —
Open
Not connected
37
NC
No connection —
Open
Not connected
38
NC
No connection —
Open
Not connected
39
NC
No connection —
Open
Not connected
40
NC
No connection —
Open
Not connected
41
NC
No connection —
Open
Not connected
42
NC
No connection —
Open
Not connected
43
NC
No connection —
Open
Not connected
44
NC
No connection —
Open
Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com