Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSFN2269 Datasheet(PDF) 4 Page - Silikron Semiconductor Co.,LTD.

Part # SSFN2269
Description  High Power and current handing capability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSFN2269 Datasheet(HTML) 4 Page - Silikron Semiconductor Co.,LTD.

  SSFN2269 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSFN2269 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSFN2269 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSFN2269 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSFN2269 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SSFN2269
DFN2X2-6L PACKAGE INFORMATION
Top View
Bottom View
Side View
Dimensions In Millimeters(mm)
Symbol
Min.
Nom.
Max.
0.75
0.80
A
0.70
--
0.05
A1
0.00
0.20 REF.
A3
2.00
2.05
D
1.95
2.00
2.05
E
1.95
0.59
0.69
D2
0.44
0.99
1.09
E2
0.84
b
0.30
0.35
0.25
0.275
0.375
L
0.175
0.65 BSC
e
NOTES:
1. Tolerance ±0.10mm (4 mil) unless otherwise specified
2. Package body sizes exclude mold flash and gate burrs. Mold flash at the non-lead sides should be less than 5 mils.
3. Dimension L is measured in gauge plane.
4. Controlling dimension is millimeter, converted inch dimensions are not necessarily exact.
©Silikron Semiconductor CO.,LTD.
4
http://www.silikron.com
v1.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com