Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC00 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # 74AC00
Description  Quad 2-Input NAND Gate
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

74AC00 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  74AC00 Datasheet HTML 1Page - Hitachi Semiconductor 74AC00 Datasheet HTML 2Page - Hitachi Semiconductor 74AC00 Datasheet HTML 3Page - Hitachi Semiconductor 74AC00 Datasheet HTML 4Page - Hitachi Semiconductor 74AC00 Datasheet HTML 5Page - Hitachi Semiconductor 74AC00 Datasheet HTML 6Page - Hitachi Semiconductor 74AC00 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HD74AC00
Quad 2-Input NAND Gate
Feature
• Outputs Source/Sink 24 mA
Pin Arrangement
1
2
3
4
5
6
7
14
13
12
11
10
9
8
GND
VCC
(Top view)
DC Characteristics (unless otherwise specified)
Item
Symbol
Max
Unit
Condition
Maximum quiescent supply current
I
CC
40
µAV
IN = VCC or ground, VCC = 5.5 V,
Ta = Worst case
Maximum quiescent supply current
I
CC
4.0
µAV
IN = VCC or ground, VCC = 5.5 V,
Ta = 25
°C


Similar Part No. - 74AC00

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74AC00 MOTOROLA-74AC00 Datasheet
126Kb / 5P
QUAD 2-INPUT NAND GATE
logo
STMicroelectronics
74AC00 STMICROELECTRONICS-74AC00 Datasheet
182Kb / 8P
QUAD 2-INPUT NAND GATE
Apr-2001
logo
Texas Instruments
74AC00 TI-74AC00 Datasheet
29Kb / 5P
Quad 2-Input NAND Gate
logo
Fairchild Semiconductor
74AC00 FAIRCHILD-74AC00 Datasheet
104Kb / 7P
Quad 2-Input NAND Gate
74AC00 FAIRCHILD-74AC00 Datasheet
307Kb / 10P
Quad 2-Input NAND Gate
More results

Similar Description - 74AC00

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
Quad 2-Input NAND Gate
logo
NXP Semiconductors
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
Quad 2-input NAND gate
1995 Sep 18
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
Quad 2-input NAND gate
1999 Sep 23
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
Quad 2-input NAND gate
1990 Oct 04
logo
STMicroelectronics
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
QUAD 2-INPUT NAND GATE
Apr-1997
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
QUAD 2-INPUT NAND GATE
Feb-1993
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
QUAD 2 INPUT NAND GATE
logo
Fairchild Semiconductor
DM74ALS00A FAIRCHILD-DM74ALS00A Datasheet
60Kb / 5P
Quad 2-Input NAND Gate
logo
KODENSHI_AUK CORP.
KK74HC00A KODENSHI-KK74HC00A Datasheet
235Kb / 5P
Quad 2-Input NAND Gate
logo
Renesas Technology Corp
HD74AC00 RENESAS-HD74AC00 Datasheet
101Kb / 7P
Quad 2-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com