Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74ACT112 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HD74ACT112
Description  Dual JK Negative Edge-Triggered Flip-Flop
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74ACT112 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HD74ACT112 Datasheet HTML 1Page - Hitachi Semiconductor HD74ACT112 Datasheet HTML 2Page - Hitachi Semiconductor HD74ACT112 Datasheet HTML 3Page - Hitachi Semiconductor HD74ACT112 Datasheet HTML 4Page - Hitachi Semiconductor HD74ACT112 Datasheet HTML 5Page - Hitachi Semiconductor HD74ACT112 Datasheet HTML 6Page - Hitachi Semiconductor HD74ACT112 Datasheet HTML 7Page - Hitachi Semiconductor HD74ACT112 Datasheet HTML 8Page - Hitachi Semiconductor HD74ACT112 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HD74AC112/HD74ACT112
Dual JK Negative Edge-Triggered Flip-Flop
Description
The HD74AC112/HD74ACT112 features individual J, K, Clock and asynchronous Set and Clear inputs to
each flip-flop. When the clock goes High, the inputs are enabled and data will be accepted. The logic level
of the J and K inputs may change when the clock is High and the bistable will perform according to the
Truth Table as long as minimum setup and hold times are observed. Input data is transferred to the outputs
on the falling edge of the clock pulse.
Features
• Outputs Source/Sink 24 mA
• HD74ACT112 has TTL-Compatible Inputs
Pin Arrangement
1
2
3
4
5
6
7
8
CP1
K1
J1
SD1
Q1
Q1
Q2
GND
VCC
CD1
CD2
CP2
K2
J2
SD2
Q2
16
15
14
13
12
11
10
9
(Top view)


Similar Part No. - HD74ACT112

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ACT112 RENESAS-HD74ACT112 Datasheet
240Kb / 10P
Dual JK Negative Edge-Triggered Flip-Flop
Jul.16.2004
More results

Similar Description - HD74ACT112

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS107A MOTOROLA-SN54LS107A Datasheet
128Kb / 4P
DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
SN54LS113A MOTOROLA-SN54LS113A Datasheet
140Kb / 4P
DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
SN54LS114A MOTOROLA-SN54LS114A Datasheet
146Kb / 4P
DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
SN54LS73A MOTOROLA-SN54LS73A Datasheet
73Kb / 3P
DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
logo
Fairchild Semiconductor
74F112 FAIRCHILD-74F112 Datasheet
59Kb / 6P
Dual JK Negative Edge-Triggered Flip-Flop
74F113 FAIRCHILD-74F113 Datasheet
59Kb / 6P
Dual JK Negative Edge-Triggered Flip-Flop
logo
Motorola, Inc
MC74F112 MOTOROLA-MC74F112 Datasheet
83Kb / 3P
DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
SN5474LS114A MOTOROLA-SN5474LS114A Datasheet
149Kb / 4P
DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
logo
National Semiconductor ...
54ACT112 NSC-54ACT112_09 Datasheet
357Kb / 8P
Dual JK Negative Edge-Triggered Flip-Flop
logo
Motorola, Inc
MC74AC113 MOTOROLA-MC74AC113 Datasheet
188Kb / 6P
Dual JK Negative Edge-Triggered Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com