Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC456L0NIP0F Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC456L0NIP0F
Description  High Speed 2Mb/s, High CMR Mini-flat Package OPIC Photocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC456L0NIP0F Datasheet(HTML) 1 Page - Sharp Corporation

  PC456L0NIP0F Datasheet HTML 1Page - Sharp Corporation PC456L0NIP0F Datasheet HTML 2Page - Sharp Corporation PC456L0NIP0F Datasheet HTML 3Page - Sharp Corporation PC456L0NIP0F Datasheet HTML 4Page - Sharp Corporation PC456L0NIP0F Datasheet HTML 5Page - Sharp Corporation PC456L0NIP0F Datasheet HTML 6Page - Sharp Corporation PC456L0NIP0F Datasheet HTML 7Page - Sharp Corporation PC456L0NIP0F Datasheet HTML 8Page - Sharp Corporation PC456L0NIP0F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PC456L0NIP0F
Series
1. Recognized by UL1577 (Double protection isolation),
file No. E64380 (as model No. PC456L)
2. Approved by VDE, DIN EN60747-5-2
(∗) (as an op-
tion), file No. 40009162 (as model No. PC456L)
3. Package resin : UL flammability grade (94V-0)
(∗)DIN EN60747-5-2 : successor standard of DIN VDE0884
■ Features
■ Agency approvals/Compliance
1. Programmable controller
2. Inverter
■ Applications
High Speed 2Mb/s, High CMR
Mini-flat Package
∗OPIC Photocoupler
1. 5 pin Mini-flat package
2. Double transfer mold package
(Ideal for Flow Soldering)
3. High noise immunity due to high instantaneous com-
mon mode rejection voltage (CMH : MIN. 15kV/µs,
CML : MIN. −15kV/µs)
4. High speed response (tPHL : MAX. 400 ns, tPLH :
MAX. 550 ns)
5. High isolation voltage between input and output
(Viso(rms) : 3.75 kV)
6. Lead-free and RoHS directive compliant
■ Description
PC456L0NIP0F Series contains a LED optically cou-
pled to an OPIC.
It is packaged in a 5 pin mini-flat.
Input-output isolation voltage(rms) is 3.75 kV.
High speed response (tPHL : MAX. 400 ns, tPLH :
MAX. 550 ns) and CMR is MIN. 15 kV/µs.
1
Sheet No.: D2-A04702EN
Date Jun. 30. 2005
© SHARP Corporation
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
PC456L0NIP0F Series
∗ "OPIC"(Optical IC) is a trademark of the SHARP Corporation. An OPIC consists of a light-detecting element and a signal-processing
circuit integrated onto a single chip.


Similar Part No. - PC456L0NIP0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC450T11 SHARP-PC450T11 Datasheet
56Kb / 4P
Photocoupler with Built-in Breakdown Diode for Surge Voltage Absorption
PC451J00000F SHARP-PC451J00000F Datasheet
240Kb / 14P
Mini-flat Package, High Collector-emitter Voltage Photocoupler
PC452 SHARP-PC452 Datasheet
51Kb / 4P
Compact Surface Mount, High Collector emitter Voltage Type Photocoupler
PC452J00000F SHARP-PC452J00000F Datasheet
233Kb / 14P
Mini-flat Package, Darlinton Phototransistor Output, High Collector-emitter Voltage Photocoupler
PC452TEJ000F SHARP-PC452TEJ000F Datasheet
223Kb / 14P
Mini-flat Package, Darlinton Phototransistor Output, High Collector-emitter Voltage Photocoupler
More results

Similar Description - PC456L0NIP0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC917X SHARP-PC917X Datasheet
59Kb / 4P
High Speed, High CMR OPIC Photocoupler
logo
COSMO Electronics Corp...
KPC457 COSMO-KPC457 Datasheet
72Kb / 4P
High Speed 1Mb/s,High CMR Mini-flat Package Photocoupler
logo
Sharp Corporation
PC352NJ0000F SHARP-PC352NJ0000F Datasheet
238Kb / 14P
Mini-flat Package, High CMR Photocoupler
PC457L0NIP0F SHARP-PC457L0NIP0F Datasheet
208Kb / 12P
High Speed 1Mb/s, High CMR Mini-flat Package
PC4D10SNIP0F SHARP-PC4D10SNIP0F Datasheet
228Kb / 12P
High Speed 10Mb/s, High CMR Mini-fl at 2-channel Package OPIC Photocoupler
PC410L0YIP0F SHARP-PC410L0YIP0F Datasheet
337Kb / 13P
High Speed 10Mb/s, High CMR Mini-flat Package ?뾑PIC Photocoupler
PC410S0NIP0F SHARP-PC410S0NIP0F Datasheet
239Kb / 15P
High Speed 10Mb/s, High CMR Mini-fl at Package OPIC Photocoupler
PC956L0NSZ0F SHARP-PC956L0NSZ0F Datasheet
259Kb / 15P
High Speed 2Mb/s, High CMR DIP 8 pin OPIC Photocoupler
PC411L0YIP0F SHARP-PC411L0YIP0F Datasheet
205Kb / 13P
High Speed 15Mb/s, High CMR Mini-flat Package OPIC Mini-flat Package ?뾑PIC
PC4D10SYIP0F SHARP-PC4D10SYIP0F Datasheet
228Kb / 12P
High Speed 10Mb/s, High CMR Mini-fl at 2-channel Package OPIC Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com