Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDIGTR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PDIGTR
Description  APC Surge Module for Digital Phone Line (T1, CSU, DSU, ISDN, DLL), Replaceable, 1U, for PRM4, PRM24
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PDIGTR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PDIGTR Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
World Wide [change]
Home
Sign In
You are here: Home > Products > Surge Protection and Pow er Conditioning > ProtectNet
Product Category
Surge Protection Devices
> SurgeArrest Performance
> SurgeArrest Home/Office
> SurgeArrest Essential
> ProtectNet
Filters & Harmonic Conditioners (2)
Voltage Regulators (3)
Hardw ire Surge Suppression (3)
Return to Surge
Protection and Power
Conditioning
ProtectNet
APC Surge Module for Digital Phone Line (T1, CSU, DSU, ISDN, DLL), Replaceable, 1U, for
PRM4, PRM24
Email Technical Specifications
Printer Friendly
More Images
Standard Lead Time: Usually in Stock
Advanced Protection Against Damaging Power Transients
Traveling Over Computer, AV and Network Data Lines
Includes: User Manual
Technical Specifications
Product Overview
Docum entation
Output
Number of Outlets
1
Surge Protection and Filtering
Peak Current Normal Mode
0.20 kAmps
Peak Current Common Mode
0.25 kAmps
NM Surge Response Time (ns)
1 ns
Data Line Protection
RJ45 ISDN / T1 protection
Data Lines Protected
(multi-line only)
1-8
Let Through Voltage Rating
< 60
Physical
Net Weight
0.02 KG
Maximum Height
44.00 mm
Maximum Width
19.00 mm
Maximum Depth
69.00 mm
Shipping Weight
0.05 KG
Shipping Height
99.00 mm
Shipping Width
33.00 mm
Shipping Depth
95.00 mm
Master Carton Units
96.00
Master Carton Dimensions (Length x
Width x Height)
25.125 X 16.25 X 8.125 inches
Master Carton Weight
15.00 lbs.
SCC Codes
3073130420337 8
Color
Black
Environmental
Operating Environment
-15 - 45 °C
Operating Relative Humidity
0 - 95%
Operating Elevation
0-3000 meters
Storage Temperature
-15 - 45 °C
Storage Relative Humidity
0 - 95%
Storage Elevation
0-3000 meters
Conformance
Regulatory Approvals
cUL Recognized, CE, UL 497A, VDE
Standard Warranty
Lifetime
Sustainable Offer Status
RoHS
Compliant
Other Environmental Compliance
China RoHS
Home
Solutions
Products and Services
Support
Your Business
Company
©APC by Schneider Electric
Privacy Policy
Contact
PDIGTR
Solutions
Products and Services
Support
Your Business
Company


Similar Part No. - PDIGTR

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PDI-09R-13-JHGXX POWERDYNAMICS-PDI-09R-13-JHGXX Datasheet
38Mb / 42P
D-SUB CONNECTORS
PDI-09R-13-JTGXX POWERDYNAMICS-PDI-09R-13-JTGXX Datasheet
38Mb / 42P
D-SUB CONNECTORS
PDI-09R-13-JZGXX POWERDYNAMICS-PDI-09R-13-JZGXX Datasheet
38Mb / 42P
D-SUB CONNECTORS
PDI-09R-13-KHGXX POWERDYNAMICS-PDI-09R-13-KHGXX Datasheet
38Mb / 42P
D-SUB CONNECTORS
PDI-09R-13-KTGXX POWERDYNAMICS-PDI-09R-13-KTGXX Datasheet
38Mb / 42P
D-SUB CONNECTORS
More results

Similar Description - PDIGTR

ManufacturerPart #DatasheetDescription
logo
Level One
LXT310 LVL1-LXT310 Datasheet
365Kb / 18P
T1 CSU/ISDN PRI Transceiver
LXT360 LVL1-LXT360 Datasheet
1Mb / 48P
Integrated T1/E1 LH/SH Transceivers for DS1/DSX-1/CSU or NTU/ISDN PRI Applications
LXT441 LVL1-LXT441 Datasheet
633Kb / 36P
Switched 56/DDS Integrated DSU/CSU
logo
List of Unclassifed Man...
YTD427 ETC-YTD427 Datasheet
172Kb / 23P
ISDN DSU Analog Front End
YTD439 ETC-YTD439 Datasheet
179Kb / 15P
ISDN BRI controller for Terminal Equipment with built-in DSU
logo
YAMAHA CORPORATION
YTD428 YAMAHA-YTD428 Datasheet
183Kb / 14P
DSU LSI for the ISDN Terminal Equipment
YTD428 YAMAHA-YTD428_07 Datasheet
928Kb / 28P
IDSU ISDN DSU for Terminal Equipment
logo
List of Unclassifed Man...
DTEL2 ETC2-DTEL2 Datasheet
466Kb / 3P
2-Line RJ11/RJ45 Network Surge Suppressor for Network/Phone Lines
logo
Tripp Lite. All Rights ...
DNET1 TRIPPLITE-DNET1 Datasheet
153Kb / 3P
DataShield In-Line Surge Protector for Network and Phone Lines, 1-Line RJ45
logo
Schneider Electric
PNETR6 SCHNEIDER-PNETR6 Datasheet
89Kb / 2P
APC Surge Module for CAT6 or CAT5/5e Network Line, Replaceable, 1U, use with PRM4 or PRM24 Chassis
Sep 20, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com