Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA157 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BA157
Description  Low cost construction
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BA157 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BA157 Datasheet HTML 1Page - List of Unclassifed Manufacturers BA157 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Low cost construction
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
260 C/10 seconds/0.375 (9.5mm)lead length
at 5 lbs (2,3kg) tension
Transfer molded plastic
UL94V-0 rate flame retardant
Color band denotes cathode end
Plated axial lead ,solderable per MIL-STD-202E
method 208C
Any
0.012 ounce,0.33 gram
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.
For capacitive load derate current by 20%.
o
Case:
Epoxy:
Polarity:
Lead:
Mounting position:
Weight:
o
Fast switching for high efficency.
"
Maximum RMS Voltage
Maximum Average Forward Rectified Current
0.375
(9.5mm) lead length at T =75 C
”
A
o
Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum Instantaneous Forward Voltage at 1.0A
Maximum DC Reverse Current
at rated DC blocking voltage
T =25 C
T =100 C
A
o
A
o
Maximum Reverse Recovery Time(NOTE3)
T =25 C
j
o
Typical Junction Capacitance(NOTE1)
Typical Thermal Resistance(NOTE2)
Operating and Storage Temperature Range
NOTES:
1.Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
2.Thermal Resistance from Junction to Ambient at.375”(9.5mm) lead length,P.C.board mounted.
3.Reverse Recovery Test Conditions:I =0.5A,I =1.0A,I =0.25A.
F
R
rr
SYMBOLS
UNITS
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
T ,T
J
STG
-65 to +150
50
100
5.0
1.3
30
1.0
400
400
280
600
600
420
1000
1000
700
Amp
Amps
Volts
Amps
p
F
O C/W
O C
Dimensions in inches and (millimeters)
VOLTAGE RANGE
CURRENT
400 to 1000 Volts
1.0 Ampere
15
BA159
BA158
BA157
n
S
trr
150
250
500
Maximum Repetitive Peak Reverse Voltage
Maximum DC Blocking Voltage
.034(0.9)
.028(0.7)
DIA.
1.0(25.4)
MIN
.205(5.2)
.165(4.2)
.107(2.7)
.080(2.0)
DIA
DO-41
1.0(25.4)
MIN
Volts
Volts
Volts
FAST RECOVERY RECTIFIER
R JA
BA157-159
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - BA157

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BA157 PANJIT-BA157 Datasheet
54Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 400 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
BA157 TRSYS-BA157 Datasheet
146Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Won-Top Electronics
BA157 WTE-BA157 Datasheet
48Kb / 3P
1.0A FAST RECOVERY RECTIFIER
logo
Semtech Corporation
BA157 SEMTECH-BA157 Datasheet
198Kb / 4P
FAST SIKICON RECTIFIERS
logo
Bytes
BA157 BYTES-BA157 Datasheet
152Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
More results

Similar Description - BA157

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF0010-HP XFMRS-XF0010-HP Datasheet
32Kb / 2P
LOW COST
logo
EUROQUARTZ limited
EQ158 EUROQUARTZ-EQ158 Datasheet
148Kb / 1P
Low mass, rugged construction
logo
List of Unclassifed Man...
1N5400 ETC2-1N5400 Datasheet
177Kb / 2P
Low cost construction
6A05 ETC2-6A05 Datasheet
185Kb / 2P
Low cost construction
BY251 ETC2-BY251 Datasheet
174Kb / 2P
Low cost construction
BY396 ETC2-BY396 Datasheet
117Kb / 2P
Low cost construction
FR101 ETC2-FR101 Datasheet
118Kb / 2P
Low cost construction
logo
Pulse A Technitrol Comp...
CX2024ANL PULSE-CX2024ANL Datasheet
643Kb / 2P
Low cost construction
logo
CTS Corporation
744C083103JP CTS-744C083103JP Datasheet
182Kb / 4P
Low Cost
logo
Sangdest Microelectroni...
KBL4005 SMC-KBL4005 Datasheet
271Kb / 4P
Reliable low cost construction utilizing molded plastic technique
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com