Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS3256 Datasheet(PDF) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS3256
Description  High Precision Primary-Side Off-line PWM Power Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS3256 Datasheet(HTML) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS3256 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3256 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3256 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3256 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3256 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3256 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3256 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3256 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3256 Datasheet HTML 9Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
3/9
WS3256 Product Description
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
Block
Block
Block
Block Diagram
Diagram
Diagram
Diagram
Output
Output
Output
Output Power
Power
Power
Power Table
Table
Table
Table
Product
Product
Product
Product
230VAC±15%
85-264VAC
Adapter1
Adapter1
WS3256
24W
16W
Note
Note
Note
Note: Maximum practical continuous power in an Adapter design with sufficient drain pattern as a heat sink,at 50℃ ambient.
Ordering
Ordering
Ordering
Ordering Information
Information
Information
Information
Package
Package
Package
Package
IC
IC
IC
IC Marking
Marking
Marking
Marking Information
Information
Information
Information
Purchasing
Purchasing
Purchasing
Purchasing Device
Device
Device
Device Name
Name
Name
Name
8-Pin DIP-8, Pb-free
WS3256D8P
WS3256D8P
Recommended
Recommended
Recommended
Recommended Operating
Operating
Operating
Operating Condition
Condition
Condition
Condition
Symbol
Symbol
Symbol
Symbol
Parameter
Parameter
Parameter
Parameter
Value
Value
Value
Value
Unit
Unit
Unit
Unit
VCC
VCC supply voltage
10~30
V
TA
Operating temperature
-20~85
℃
Absolute
Absolute
Absolute
Absolute Maximum
Maximum
Maximum
Maximum Ratings
Ratings
Ratings
Ratings
Symbol
Parameter
Parameter
Parameter
Parameter
Value
Value
Value
Value
Unit
Unit
Unit
Unit
Drain voltage(off-state)
Drain Voltage (off state)
-0.3~600
V
VCC
DC supply voltage
30
V
v c c
U V L O
R O P
5 V
Insernal
S u p p ly
G a t e
Driver
D R A I N
Po we r
M O S F E T
C C
Controller
D r o p
C o m p
P W M
Generator
I N V
Sampler
Sa mp lin g
Co n tro lle r
2 V
E A
C L K
Genterator
Frequency
Shuffling
C O M P
L E B
O C P
C S
G N D
Soft start
1
5 / 6
4
7 / 8
2
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com