Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS3413 Datasheet(PDF) 4 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS3413
Description  WS3413 Active PFC Non-isolated Buck LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS3413 Datasheet(HTML) 4 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS3413 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3413 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3413 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3413 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3413 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3413 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3413 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3413 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
4/8
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WS3413 Product Description
Electrical
Electrical
Electrical
Electrical Characteristics
Characteristics
Characteristics
Characteristics (Unless otherwise specified,TA=25℃,VCC=8V)
Symbol
Symbol
Symbol
Symbol
Parameter
Parameter
Parameter
Parameter
Conditions
Conditions
Conditions
Conditions
Min
Min
Min
Min
Typ
Typ
Typ
Typ
Max
Max
Max
Max
Units
Units
Units
Units
Supply Voltage Section
Vcc_clamp
VCC Clamping Voltage
7.8
8.5
9.3
V
Icc_clamp
VCC Clamping Current
5
mA
VCC_ST
VCC Start Up Voltage
VCC Rise
7.5
V
Vuvlo_HYS
VCC Under Voltage
Latch Out Hysteresis
VCC Falling
1.5
V
Ist
Start Up Current
VCC<VCC_ST-0.5V
70
100
uA
Iop
Operation Current
400
uA
Current Sensor Section
Vocp
Current Sensor Voltage Threshold
1
V
TLEB
Leading Edge Blanking
350
ns
TDELAY
Turn Off Delay Time
200
ns
Loop Compensation Section
VREF
Internal Reference Voltage
194
200
206
mV
VCL
Comp Low Clamp Voltage
1.5
V
VCH
4
V
Internal Driver Secion
Toff_min
Min. Demagnetization Time
3
us
Ton_max
Max. On Time
20
us
Feedback input Section
VFB
OVP Threshold Voltage
1.6
V
VZCD
Zero Crossing Checking Threshold
0.2
V
Internal HV MOSFET
RDSON
HV MOS ON Resistance
3.5
ohm
VDS
Drain to Source voltage
500
V
Over Temperature Section
TSD
Thermal Shut Down Temperature
160
℃
TSD_HYS
Thermal Shut Down Hysteresis
30
℃



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com