Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR745 Datasheet(PDF) 5 Page - Supertex, Inc

Part # LR745
Description  High Input Voltage SMPS Start-up
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR745 Datasheet(HTML) 5 Page - Supertex, Inc

  LR745 Datasheet HTML 1Page - Supertex, Inc LR745 Datasheet HTML 2Page - Supertex, Inc LR745 Datasheet HTML 3Page - Supertex, Inc LR745 Datasheet HTML 4Page - Supertex, Inc LR745 Datasheet HTML 5Page - Supertex, Inc LR745 Datasheet HTML 6Page - Supertex, Inc LR745 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
LR745
● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
Figure 3: Using V
REF for the LR745 Ground Voltage
Stage III
At this stage the LR745’s output is turned off and the PWM
IC is operating from the V
AUX supply. The auxiliary voltage,
V
AUX, can be designed to vary anywhere between the mini-
mum operating V
CC voltage of the PWM IC (10V) to the maxi-
mum auxiliary voltage rating of the LR745 (22V).
Design Considerations
I. Calculating the value for C1
Sizing the V
CC capacitor, C1, is an important factor. Making
C1 too large will cause the SMPS to power up too slowly.
However, if too small, C1 will not allow the SMPS to power
up due to insufficient charge in the capacitor to power the
IC and MOSFET until the auxiliary supply is available. The
value of C1 can be approximated by the following equation:
where,
f = switching frequency
N = number of clock cycles required to chargeV
AUX to
V
MIN value
I = PWM operating current
V
START = PWM IC start threshold rating
V
MIN = PWM IC minimum VCC operating voltage
Consider for example, a PWM IC with a switching frequency
of 100KHz, operating current of 20mA, start threshold of
16V, and a minimum operating voltage of 10V. If 100 clock
cycles are required to charge the auxiliary voltage to 10V,
the minimum value of C1 is calculated as follows:
C1 = 3.3µF
II. SMPS with wide minimum to maximum load
An important point is that the LR745’s output voltage, V
OUT,
must discharge to below the nominal V
OFF trip point of 13.25V
in order for its output to turn off. If the SMPS requires a wide
minimum to maximum output load variation, it will be difficult
to guarantee that V
CC will fall below 13.25V under minimum
load conditions. Consider an SMPS that is required to power
small as well as large loads and is also required to power up
quickly. Such a SMPS may power up too fast with a small
load, not allowing the V
CC voltage to fall below 13.25V. For
such conditions, the circuit in Figure 3 is recommended.
In Figure 3, the V
REF pin of the UC3844 is used to bias the
ground pin of the LR745. The V
REF pin on the UC3844 is
a 5.0V reference, which stays at 0V until the V
CC voltage
reaches the start threshold voltage. Once V
CC reaches the
start threshold voltage, V
REF will switch digitally from 0V to
5.0V. During start-up, the LR745 will be on, and V
CC will start
to increase up to 16V. Once V
CC reaches16V, the UC3844
will start to operate and V
REF will increase from 0V to 5.0V.
The LR745 will see an effective V
OUT voltage of 11V (16V mi-
nus 5.0V) because the ground of the LR745 is now at 5.0V.
The LR745 will immediately turn off its output, V
OUT, with-
out having to wait for the V
CC voltage to decrease. The VREF
switching from 0 to 5.0V during start is a common feature in
most PWM ICs.
GND
V
IN
V
OUT
V
CC
V
REF
C1
PWM IC
UC3844
LR7
C1 =
1
f x (N) x (l)
(V
START - VMIN)
C1 =
1
100KHz x (100) x (20mA)
(16V -10V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com