Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN0106 Datasheet(PDF) 3 Page - Supertex, Inc

Part # TN0106
Description  N-Channel Enhancement-Mode Vertical DMOS FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN0106 Datasheet(HTML) 3 Page - Supertex, Inc

  TN0106 Datasheet HTML 1Page - Supertex, Inc TN0106 Datasheet HTML 2Page - Supertex, Inc TN0106 Datasheet HTML 3Page - Supertex, Inc TN0106 Datasheet HTML 4Page - Supertex, Inc TN0106 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
TN0106
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Typical Performance Curves
Output Characteristics
5.0
4.0
3.0
2.0
1.0
0
0
10
20
30
40
50
V
DS (volts)
Saturation Characteristics
0
2.0
4.0
6.0
8.0
10
Maximum Rated Safe Operating Area
1.0
10
100
1000
10
1.0
0.1
0.01
V
DS (volts)
Thermal Response Characteristics
1.0
0.8
0.6
0.4
0.2
0
0.001
0.01
0.1
1.0
10
t
p (seconds)
Transconductance vs. Drain Current
0.5
0.4
0.3
0.2
0.1
0
0
0.6
1.2
1.8
2.4
3.0
I
D (amperes)
Power Dissipation vs. Case Temperature
0
25
50
75
100
125
150
2.0
1.0
0
T
C (
O
C)
V
DS = 25V
TO-92
TO-92
T
C = 25
O
C
P
D = 1W
TO-92 (DC)
TO-92 (pulsed)
8V
6V
4V
2V
T
A = -55
O
C
V
GS = 10V
T
C = 25
O
C
V
DS (volts)
8V
6V
4V
2V
V
GS = 10V
T
A = 25
O
C
T
A = 150
O
C
5.0
4.0
3.0
2.0
1.0
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com