Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPP10-05D12A/B Datasheet(PDF) 3 Page - Power Mate Technology Co., LTD

Part # MPP10-05D12A/B
Description  DC-DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

MPP10-05D12A/B Datasheet(HTML) 3 Page - Power Mate Technology Co., LTD

  MPP10-05D12A/B Datasheet HTML 1Page - Power Mate Technology Co., LTD MPP10-05D12A/B Datasheet HTML 2Page - Power Mate Technology Co., LTD MPP10-05D12A/B Datasheet HTML 3Page - Power Mate Technology Co., LTD MPP10-05D12A/B Datasheet HTML 4Page - Power Mate Technology Co., LTD MPP10-05D12A/B Datasheet HTML 5Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.PDUKE.com
2014/07/25
2:1
5Vin(nom)
12Vin(nom)
24Vin(nom)
48Vin(nom)
4.5
9
18
36
5
12
24
48
9
18
36
75
VDC
Operating input voltage range
(W) 4:1
24Vin(nom)
48Vin(nom)
9
18
24
48
36
75
VDC
2:1
5Vin(nom)
12Vin(nom)
24Vin(nom)
48Vin(nom)
4.5
9
18
36
VDC
Start-up voltage
(W) 4:1
24Vin(nom)
48Vin(nom)
9
18
VDC
2:1
5Vin(nom)
12Vin(nom)
24Vin(nom)
48Vin(nom)
4
8
16
33
VDC
Shutdown voltage
(W) 4:1
24Vin(nom)
48Vin(nom)
8
16
VDC
Start up time
Constant resistive load
Power up
Remote ON/OFF
30
30
ms
3 second, max.
2:1
5Vin(nom)
12Vin(nom)
24Vin(nom)
48Vin(nom)
16
25
50
100
VDC
Input surge voltage
3 second, max.
(W) 4:1
24Vin(nom)
48Vin(nom)
50
100
VDC
Input filter
Pi type
Referenced to - Vin pin
DC-DC ON
DC-DC OFF
OPEN or 0 ~ 1.2VDC
2.2 ~ 12VDC
Remote ON/OFF
(Only for B-type Pin connection option)
Input current of Ctrl pin
-0.5
1
mA
Remote off input current
2.5
mA
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Voltage accuracy
-1.0
+1.0
%
Line regulation
Low Line to High Line at Full Load
Single
Dual
-0.2
-0.5
+0.2
+0.5
%
Load regulation
No Load to Full Load
Single
Dual
-0.2
-1.0
+0.2
+1.0
%
Cross regulation
Asymmetrical load 25%/100% FL
Dual
-5.0
+5.0
%
Single output
3.3Vout, 5Vout, 12Vout
15Vout, 24Vout
-10
-10
+10
+20
%
Voltage adjustability
(Only for B-type Pin connection option)
Dual output
±5Vout, ±12Vout, ±15Vout
-10
+10
%
Ripple and noise
Measured by 20MHz bandwidth
With a 10µF/25V X7R MLCC
With a 4.7µF/50V X7R MLCC
3.3Vout, 5Vout
12Vout, 15Vout
24Vout
30
40
50
mVp-p
Temperature coefficient
-0.02
+0.02
%/ºC
Transient response recovery time
25% load step change
250
µ
s
Single
3.3Vout
5Vout
12Vout
15Vout
24Vout
3.7
5.6
13.5
18.3
29.1
5
7.0
16
22.0
34.5
VDC
Over voltage protection
Dual
5Vout
12Vout
15Vout
5.6
13.5
17.0
7.0
18.2
22.0
VDC
Over load protection
% of Iout rated; Hiccup mode
150
%
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Isolation voltage
1 minute
Input to Output
5000
VAC
Isolation capacitance
12
17
pF
Leakage current
240VAC,60Hz
2
µ
A
Switching frequency
270
300
330
kHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com