Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC6320 Datasheet(PDF) 3 Page - Supertex, Inc

Part # TC6320
Description  N- and P-Channel Enhancement-Mode MOSFET Pair
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TC6320 Datasheet(HTML) 3 Page - Supertex, Inc

  TC6320 Datasheet HTML 1Page - Supertex, Inc TC6320 Datasheet HTML 2Page - Supertex, Inc TC6320 Datasheet HTML 3Page - Supertex, Inc TC6320 Datasheet HTML 4Page - Supertex, Inc TC6320 Datasheet HTML 5Page - Supertex, Inc TC6320 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
TC6320
Supertex inc.
www.supertex.com
Doc.# DSFP-TC6320
D012913
N-Channel Electrical Characteristics (T
C = 25°C unless otherwise specified)
Sym
Parameter
Min
Typ
Max
Units
Conditions
BV
DSS
DRAIN-to-SOURCE breakdown voltage
200
-
-
V
V
GS = 0V, ID = 2.0mA
V
GS(th)
GATE threshold voltage
1.0
-
2.0
V
V
GS = VDS, ID = 1.0mA
ΔV
GS(th)
Change in V
GS(th) with temperature
-
-
-4.5
mV/OC V
GS = VDS, ID = 1.0mA
R
GS
GATE-to-SOURCE shunt resistor
10
-
50
kΩ
I
GS = 100µA
VZ
GS
GATE-to-SOURCE Zener voltage
13.2
-
25
V
I
GS = 2.0mA
I
DSS
Zero GATE voltage DRAIN current
-
-
10.0
µA
V
DS = Max rating, VGS = 0V
-
-
1.0
mA
V
DS = 0.8 Max Rating,
V
GS = 0V, TA = 125
O
C
I
D(ON)
On-state DRAIN current
1.0
-
-
A
V
GS = 4.5V, VDS = 25V
2.0
-
-
V
GS = 10V, VDS = 25V
R
DS(ON)
Static DRAIN-to-SOURCE on-state
resistance
-
-
8.0
Ω
V
GS = 4.5V, ID = 150mA
-
-
7.0
V
GS = 10V, ID = 1.0A
ΔR
DS(ON)
Change in R
DS(ON) with temperature
-
-
1.0
%/OC
V
GS = 4.5V, ID =150mA
G
FS
Forward transconductance
400
-
-
mmho V
DS = 25V, ID = 500mA
C
ISS
Input capacitance
-
-
110
pF
V
GS = 0V,
V
DS = 25V,
f = 1.0MHz
C
OSS
Common SOURCE output capacitance
-
-
60
C
RSS
Reverse transfer capacitance
-
-
23
t
d(ON)
Turn-on delay time
-
-
10
ns
V
DD =25V,
I
D = 1.0A,
R
GEN = 25Ω
t
r
Rise time
-
-
15
t
d(OFF)
Turn-off delay time
-
-
20
t
f
Fall time
-
-
15
V
SD
Diode forward voltage drop
-
-
1.8
V
V
GS = 0V, ISD = 500mA
t
rr
Reverse recovery time
-
300
-
ns
V
GS = 0V, ISD = 500mA
Notes:
1.
All D.C. parameters 100% tested at 25°C unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2.
All A.C. parameters sample tested.
N-Channel Switching Waveforms and Test Circuit
10V
0V
0V
VDD
Input
Output
10%
90%
90%
10%
90%
10%
R
GEN
Input
Pulse
Generator
V
DD
R
L
D.U.T
OUTPUT
t
r
t
f
t
d(ON)
t
(ON)
t
d(OFF)
t
(OFF)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com