Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP0701 Datasheet(PDF) 2 Page - Supertex, Inc

Part # LP0701
Description  P-Channel Enhancement-Mode Lateral MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LP0701 Datasheet(HTML) 2 Page - Supertex, Inc

  LP0701 Datasheet HTML 1Page - Supertex, Inc LP0701 Datasheet HTML 2Page - Supertex, Inc LP0701 Datasheet HTML 3Page - Supertex, Inc LP0701 Datasheet HTML 4Page - Supertex, Inc LP0701 Datasheet HTML 5Page - Supertex, Inc LP0701 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
LP0701
Supertex inc. ● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
Thermal Characteristics
Package
I
D
(continuous
)†
(mA)
I
D
(pulsed)†
(A)
Power Dissipation
@T
C = 25
O
C
(W)
θ
jc
(OC/W)
θ
ja
(OC/W)
I
DR
(mA)
I
DRM
†
(A)
8-Lead SOIC
-700
-1.25
1.5‡
83
104‡
-700
-1.25
TO-92
-500
-1.25
1.0
125
170
-500
-1.25
Notes:
† I
D (continuous) is limited by max rated Tj.
‡ Mounted on FR4 board, 25mm x 25mm x 1.57mm
Sym
Parameter
Min
Typ
Max
Units
Conditions
BV
DSS
Drain-to-source breakdown voltage
-16.5
-
-
V
V
GS = 0V, ID = -1.0mA
V
GS
Gate threshold voltage
-0.5
-0.7
-1.0
V
V
GS = VDS, ID = -1.0mA
ΔV
GS(th)
Change in V
GS(th) with temperature
-
-
-4.0
mV/OC V
GS = VDS, ID = -1.0mA
I
GSS
Gate body leakage
-
-
-100
nA
V
GS = ±10V, VDS = 0V
I
DSS
Zero gate voltage drain current
-
-
-100
nA
V
DS = -15V, VGS = 0V
-
-
-1.0
mA
V
DS = 0.8 Max Rating,
V
GS = 0V, TA = 125
O
C
I
D(ON)
On-state drain current
-
-0.4
-
A
V
GS = VDS = -2.0V
-0.6
-1.0
-
V
GS = VDS = -3.0V
-1.25
-2.3
-
V
GS = VDS = -5.0V
R
DS(ON)
Static drain-to-source on-state
resistance
-
2.0
4.0
Ω
V
GS = -2.0V, ID = -50mA
-
1.7
2.0
V
GS = -3.0V, ID = -150mA
-
1.3
1.5
V
GS = -5.0V, ID = -300mA
ΔR
DS(ON)
Change in R
DS(ON) with temperature
-
-
0.75
%/OC
V
GS = -5.0V, ID = -300mA
G
FS
Forward transconductance
500
700
-
mmho V
GS = -15V, ID = -1.0A
C
ISS
Input capacitance
-
120
250
pF
V
GS = 0V,
V
DS = -15V,
f = 1.0MHz
C
OSS
Common source output capacitance
-
100
125
C
RSS
Reverse transfer capacitance
-
40
60
t
d(ON)
Turn-on delay time
-
-
20
ns
V
DD = -15V,
I
D = -1.25A,
R
GEN = 25Ω
t
r
Rise time
-
-
20
t
d(OFF)
Turn-off delay time
-
-
30
t
f
Fall time
-
-
30
V
SD
Diode forward voltage drop
-
-1.2
-1.5
V
V
GS = 0V, ISD = -500mA
Notes:
All D.C. parameters 100% tested at 25OC unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
All A.C. parameters sample tested.
1.
2.
Electrical Characteristics (T
A = 25°C unless otherwise specified)
90%
10%
90%
90%
10%
10%
Pulse
Generator
V
DD
R
L
Output
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
f
t
r
INPUT
INPUT
OUTPUT
0V
VDD
R
GEN
0V
-10V
Switching Waveforms and Test Circuit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com