Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR745 Datasheet(PDF) 1 Page - Supertex, Inc

Part # LR745
Description  High Input Voltage SMPS Start-up
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR745 Datasheet(HTML) 1 Page - Supertex, Inc

  LR745 Datasheet HTML 1Page - Supertex, Inc LR745 Datasheet HTML 2Page - Supertex, Inc LR745 Datasheet HTML 3Page - Supertex, Inc LR745 Datasheet HTML 4Page - Supertex, Inc LR745 Datasheet HTML 5Page - Supertex, Inc LR745 Datasheet HTML 6Page - Supertex, Inc LR745 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
LR745
Features
Accepts inputs from 35V to 450V
Output current limiting
For PWM ICs with start-up threshold voltage of
13.9 - 18.0V
Very low power consumption after start-up
Applications
Notebook and laptop computers
Telecommunication power supplies
Battery chargers
Motor controllers
General Description
The Supertex LR745 is a high input voltage SMPS start-
up circuit. The LR745 is ideally suited for use with industry
standard low voltage PWM ICs having start thresholds of 13.9
- 18.0V. It allows the PWM ICs to be operated from rectified
120 or 240VAC lines, and eliminates the use of power resistors
often used for this purpose.
The internal circuitry of the LR745 allows the PWM ICs to
operate at a V
CC voltage below their start threshold voltage
after start-up. The auxiliary voltage can be less than the
start threshold voltage, which allows for improved efficiency.
Current from the high voltage line is drawn only during the
start-up period. After start-up, the internal high voltage line is
disconnected from the IC, thereby reducing the continuous
power dissipation to a minimum.
High Input Voltage SMPS Start-up
Ordering Information
Device
Package Options
TO-92
TO-243AA (SOT-89)
LR745
LR745N3-G
LR745N8-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
Input voltage
450V
Output voltage
25V
Operating and storage temperature
-55°C to +150OC
Soldering temperature*
300OC
Absolute Maximum Ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. Continuous
operation of the device at the absolute rating level may affect device reliability. All
voltages are referenced to device ground.
* Distance of 1.6mm from case for 10 seconds.
Pin Configurations
GND
VIN
VOUT
VIN
VOUT
GND
GND
TO-92 (N3)
TO-243AA (SOT-89) (N8)
TO-243AA (SOT-89) (N8)
Y = Last Digit of Year Sealed
W = Code for Week Sealed
L = Lot Number
= “Green” Packaging
Si
LR
7 4 5
Y W L L
TO-92 (N3)
LR7W W = Code for Week Sealed
= “Green” Packaging
Package Markings
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or


Similar Part No. - LR745

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR745 SUTEX-LR745 Datasheet
327Kb / 5P
High Input Voltage SMPS Start-up Circuit
LR745 SUTEX-LR745 Datasheet
558Kb / 7P
High Input Voltage SMPS Start-up
logo
Microchip Technology
LR745 MICROCHIP-LR745 Datasheet
333Kb / 15P
High-Input Voltage SMPS Start-up
01/27/15
logo
Supertex, Inc
LR745N3 SUTEX-LR745N3 Datasheet
327Kb / 5P
High Input Voltage SMPS Start-up Circuit
LR745N3-G SUTEX-LR745N3-G Datasheet
558Kb / 7P
High Input Voltage SMPS Start-up
More results

Similar Description - LR745

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR645 SUTEX-LR645 Datasheet
322Kb / 4P
High Input Voltage SMPS Start-up / Linear Regulator
LR745 SUTEX-LR745 Datasheet
327Kb / 5P
High Input Voltage SMPS Start-up Circuit
LR645 SUTEX-LR645_07 Datasheet
812Kb / 9P
High Input Voltage SMPS Start-up / Linear Regulator
logo
SYNC POWER Crop.
SP689 SYNC-POWER-SP689 Datasheet
220Kb / 5P
Ultra High Voltage Start Up
logo
Supertex, Inc
LR745N8-G SUTEX-LR745N8-G Datasheet
558Kb / 7P
High Input Voltage SMPS Start-up
logo
Lowpower Semiconductor ...
LP6205S POWER-LP6205S Datasheet
364Kb / 5P
1.3V Start-up Input Voltage
logo
International Rectifier
IRS25751LPBF IRF-IRS25751LPBF_15 Datasheet
610Kb / 13P
High-Voltage Start-Up IC
logo
Microchip Technology
LR745 MICROCHIP-LR745 Datasheet
333Kb / 15P
High-Input Voltage SMPS Start-up
01/27/15
logo
STMicroelectronics
HVLED001 STMICROELECTRONICS-HVLED001 Datasheet
623Kb / 27P
800 V high voltage start-up
13-Jan-2015
logo
Infineon Technologies A...
IRS25751LPBF INFINEON-IRS25751LPBF Datasheet
610Kb / 13P
High-Voltage Start-Up IC
January 15, 2015
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com