Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TO-92 Datasheet(PDF) 1 Page - Supertex, Inc

Part # TO-92
Description  Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TO-92 Datasheet(HTML) 1 Page - Supertex, Inc

  TO-92 Datasheet HTML 1Page - Supertex, Inc TO-92 Datasheet HTML 2Page - Supertex, Inc TO-92 Datasheet HTML 3Page - Supertex, Inc TO-92 Datasheet HTML 4Page - Supertex, Inc TO-92 Datasheet HTML 5Page - Supertex, Inc TO-92 Datasheet HTML 6Page - Supertex, Inc TO-92 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Supertex inc.
Supertex inc.
www.supertex.com
CL2
Doc.# DSFP-CL2
C071012
Features
► 5.0 to 90V operating range (V
A-B)
► 20mA ±10% at 5.0 - 90V
► 0.01%/°C typical temperature coefficient
► Available in TO-243AA (SOT-89), TO-252 (D-PAK),
& TO-92 packages
► Can be paralleled for higher current
Applications
► LED driver
► Industrial lamp indicators
► Signage
► Accent lighting
► Automotive
► Constant current source
► Constant current sink
General Description
The Supertex CL2 is a high voltage, temperature compensated,
constant current source. The device is trimmed to provide
a constant current of 20mA±10% at an input voltage of 5.0
- 90V. The device can be used as a two terminal constant
current source or constant current sink.
Atypical application for the CL2 is to drive LEDs with a constant
current of 20mA. Multiple CL2s can also be used in parallel to
provide higher currents such as 40mA, 60mA or 80mA. The
device is available in TO-243AA (SOT-89), TO-252 (D-PAK),
and TO-92 packages.
Typical Application Circuit
Simple 90V, 20mA, Temperature Compensated
Constant Current LED Driver IC
VA
VB
Up to 90V
+ V
LED(total)
+
V
LED(total)
-
VA
VB
Functional Circuit
Diagram
CL2
I
LED
<20mA
Control Circuit
and Temperature
Compensation
100nF


Similar Part No. - TO-92

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TO-92 ETC-TO-92 Datasheet
169Kb / 4P
TO-92 (3 leads) Leaded Thru-hole Plastic Package
TO-92 ETC2-TO-92 Datasheet
15Kb / 2P
DING-DONG SOUND EFFECT GENERATOR IC
logo
Suntac Electronic Corp.
TO-92 SUNTAC-TO-92 Datasheet
94Kb / 3P
NPN POWER TRANSISTORS
logo
SHENZHEN YONGERJIA INDU...
TO-92 WINNERJOIN-TO-92 Datasheet
144Kb / 1P
TRANSISTOR (PNP)
TO-92 WINNERJOIN-TO-92 Datasheet
138Kb / 1P
TRANSISTOR (NPN)
More results

Similar Description - TO-92

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL2 SUTEX-CL2 Datasheet
256Kb / 7P
Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
CL1 SUTEX-CL1 Datasheet
1Mb / 7P
Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
CL25 SUTEX-CL25 Datasheet
508Kb / 5P
Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC
CL220 SUTEX-CL220 Datasheet
1Mb / 7P
Simple, 220V, 20mA, Temperature-Compensated, Constant Current, LED Driver IC
CL2K4-G SUTEX-CL2K4-G Datasheet
932Kb / 7P
Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
CL25 SUTEX-CL25_11 Datasheet
667Kb / 6P
Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC
CL1 SUTEX-CL1_09 Datasheet
804Kb / 7P
Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
logo
Microchip Technology
CL220 MICROCHIP-CL220 Datasheet
396Kb / 13P
Simple, 220V, 20mA, Temperature-Compensated, Constant-Current, LED Driver IC
01/27/15
CL2 MICROCHIP-CL2 Datasheet
426Kb / 15P
Simple 90V, 20mA, Temperature Compensated
07/14/15
logo
SHENZHEN FUMAN ELECTRON...
TC1360 FUMAN-TC1360 Datasheet
350Kb / 10P
LED constant current driver IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com