Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC45 Datasheet(PDF) 1 Page - Allied Components International

Part # AC45
Description  Axial Coated Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AC45 Datasheet(HTML) 1 Page - Allied Components International

  AC45 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
02/28/2014
Axial Coated Inductor
AC45
Features
• Incorporation of a special lead wire
structure entirely eliminates defects
inherent in existing axial lead type
products and prevents lead breakage.
• The special magnetic core structure
permits the product to have reduced
size, high "Q" and self resonant
frequencies.
• Treated with epoxy resin coating for
humidity resistance to ensure longer
life.
Electrical
Inductance Range: 100uH to 470uH
Tolerance: 10% over entire range. Tighter
tolerances available, replace K with J for 5%
Temp. Rise: 20
°C.
Ambient Temp.: 80
°C.
Rated Temp Range:
-20
to + 100
°C.
Dielectric Withstanding Voltage: 250 Volts
R.M.S.
Rated Current:
Based on temp rise.
Mechanical
Terminal Tensile Strength: 1.0 kg min.
Terminal Bending Strength: .3 kg min.
Physical
Marking (on reel): Manufacturers name,
Part number, Quantity,
Marking: 4 band color code.
Packaging: 3000 pieces per reel.
Allied
Part
Number
Rated
Current
(mA)
Inductance
(uh)
Tolerance
(%)
Q
Min.
DCR
Max.
(
Ω)
AC45-100K-RC
10 @ 1MHz, 1v
10
65 @ 7.9MHz
.490
680
AC45-101K-RC 100 @ .02MHz, 1v
10
30 @ 2.5MHz
1.70
370
AC45-471K-RC 470 @ .02MHz, 1v
10
70 @ .79MHz
7.90
170
All specifications subject to change without notice.
1.15 NOMINAL
1.15 NOMINAL
22AWG
0.374
(9.50)
MAX.
0.157
(4.00)
MAX.
Dimensions:
Inches
(mm)
3000 pieces per Ammo
For Tape and Reel packaging please
add ”-TR” to the part number.
Pack.
SRF
(MHz)
35
5.0
2..2


Similar Part No. - AC45

ManufacturerPart #DatasheetDescription
logo
3M Electronics
AC452 3M-AC452 Datasheet
244Kb / 3P
3M Scotch-Weld??Instant Adhesive Activators and Primers
logo
OptoSupply Internationa...
AC4521520 OPTOSUPPLY-AC4521520 Datasheet
606Kb / 1P
Car cigarette plug to DC plug cable wire
logo
Teledyne Technologies I...
AC453 TELEDYNE-AC453 Datasheet
177Kb / 2P
TO-8 CASCADABLE AMPLIFIER
logo
GUANGDONG MISUN TECHNOL...
AC4532F-101L FPE-AC4532F-101L Datasheet
472Kb / 2P
Chip Transformer
AC4532F-110L FPE-AC4532F-110L Datasheet
472Kb / 2P
Chip Transformer
More results

Similar Description - AC45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LACC-1741 ETC2-LACC-1741 Datasheet
29Kb / 1P
Axial Conformal Coated Inductor
LACC-1128 ETC2-LACC-1128 Datasheet
29Kb / 1P
Axial Conformal Coated Inductor
logo
Caliber Electronics Inc...
LACC-1128 CALIBER-LACC-1128 Datasheet
30Kb / 1P
Axial Conformal Coated Inductor
LACC-1741 CALIBER-LACC-1741 Datasheet
30Kb / 1P
Axial Conformal Coated Inductor
logo
Allied Components Inter...
AC20-R027M-RC ALLIED-AC20-R027M-RC_10 Datasheet
937Kb / 1P
Axial Coated Inductors
AC40-122K-RC ALLIED-AC40-122K-RC_10 Datasheet
898Kb / 1P
Axial Coated Inductors
AC30 ALLIED-AC30 Datasheet
967Kb / 1P
Axial Coated Inductors
AC40 ALLIED-AC40 Datasheet
864Kb / 1P
Axial Coated Inductors
logo
Abracon Corporation
AICC-02 ABRACON-AICC-02 Datasheet
2Mb / 3P
Conformal Coated Axial Inductor
09.04.12
AICC-03 ABRACON-AICC-03 Datasheet
2Mb / 3P
Conformal Coated Axial Inductor
09.04.12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com