Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-3722 Datasheet(PDF) 2 Page - Allied Components International

Part # ACT-3722
Description  Current Sensing Toroid
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

ACT-3722 Datasheet(HTML) 2 Page - Allied Components International

  ACT-3722 Datasheet HTML 1Page - Allied Components International ACT-3722 Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
05/11/12
Current Sensing Toroid
ACT-3722
TEST TERM.
80A
100A
150A
DCR(Ω)
Vout(V)
2.5±5%
3.1±5%
4.7±5%
150±10%
1
2.50
3.10
4.70
154.0
2
2.50
3.10
4.70
152.0
3
2.50
3.10
4.70
157.0
TEST TERM
A
B
L
W
H
SPEC.
25.4±3
12.7REF
32.38MAX
17.8MIN
16.25MAX
.
1
26.50
14.30
31.70
19.00
15.66
2
26.00
15.20
31.80
18.80
15.80
3
26.30
13.50
31.50
18.60
15.70
2).GOM-801G MILLI-OHM METER.
TEST EQUIPMENT: 1).GD2360 CT testing machine
TEST DATA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com