Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

85TO3GP Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # 85TO3GP
Description  Simple Drive Requirement
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

85TO3GP Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  85TO3GP Datasheet HTML 1Page - Advanced Power Electronics Corp. 85TO3GP Datasheet HTML 2Page - Advanced Power Electronics Corp. 85TO3GP Datasheet HTML 3Page - Advanced Power Electronics Corp. 85TO3GP Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Low Gate Charge
BVDSS
30V
▼ Simple Drive Requirement
RDS(ON)
6mΩ
▼ Fast Switching Characteristic
ID
75A
▼ RoHS Compliant & Halogen-Free
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TC=25℃
A
ID@TC=100℃
A
IDM
A
PD@TC=25℃
W
W/℃
TSTG
℃
TJ
℃
Symbol
Value
Units
Rthj-c
Maximum Thermal Resistance, Junction-case
1.4
℃
/W
Rthj-a
40
℃
/W
Rthj-a
Maximum Thermal Resistance, Junction-ambient
62
℃
/W
Data & specifications subject to change without notice
201104256
AP85T03GS/P-HF
0.7
1
-55 to 175
Maximum Thermal Resistance, Junction-ambient (PCB mount)
3
Parameter
Rating
Halogen-Free Product
Drain-Source Voltage
30
Gate-Source Voltage
+20
Continuous Drain Current, VGS @ 10V
75
Storage Temperature Range
Continuous Drain Current, VGS @ 10V
55
Pulsed Drain Current
1
350
Total Power Dissipation
107
-55 to 175
Linear Derating Factor
Thermal Data
Parameter
Operating Junction Temperature Range
The TO-263 package is widely preferred for all commercial-industrial
surface mount applications and suited for low voltage applications
such as DC/DC converters. The through-hole version (AP85T03GP) is
available for low-profile applications.
G
D
S
G
D
S
TO-263(S)
G
D
S
TO-220(P)


Similar Part No. - 85TO3GP

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
85TO3GP A-POWER-85TO3GP Datasheet
62Kb / 5P
Fast Switching Characteristic
More results

Similar Description - 85TO3GP

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP3310GJ-HF A-POWER-AP3310GJ-HF Datasheet
111Kb / 6P
Simple Drive Requirement, Simple Drive Requirement
AP0103GMT-HF A-POWER-AP0103GMT-HF_16 Datasheet
53Kb / 5P
Simple Drive Requirement
AP0803GMT-HF A-POWER-AP0803GMT-HF_16 Datasheet
52Kb / 5P
Simple Drive Requirement
AP11N50I A-POWER-AP11N50I_16 Datasheet
59Kb / 5P
Simple Drive Requirement
AP85U03GMT-HF A-POWER-AP85U03GMT-HF_16 Datasheet
99Kb / 5P
Simple Drive Requirement
AP2304AGN-HF A-POWER-AP2304AGN-HF_16 Datasheet
63Kb / 5P
Simple Drive Requirement
AP2309GN-HF A-POWER-AP2309GN-HF_16 Datasheet
103Kb / 5P
Simple Drive Requirement
AP92T12GP-HF A-POWER-AP92T12GP-HF_16 Datasheet
52Kb / 5P
Simple Drive Requirement
AP92U03GP-HF A-POWER-AP92U03GP-HF_16 Datasheet
53Kb / 5P
Simple Drive Requirement
AP94T07GI-HF A-POWER-AP94T07GI-HF Datasheet
99Kb / 5P
Simple Drive Requirement
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com