Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL56N3LLH5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL56N3LLH5
Description  N-channel 30 V, 0.0076 typ., 15 A STripFET V Power MOSFET in a PowerFLAT 5x6 package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL56N3LLH5 Datasheet(HTML) 4 Page - STMicroelectronics

  STL56N3LLH5 Datasheet HTML 1Page - STMicroelectronics STL56N3LLH5 Datasheet HTML 2Page - STMicroelectronics STL56N3LLH5 Datasheet HTML 3Page - STMicroelectronics STL56N3LLH5 Datasheet HTML 4Page - STMicroelectronics STL56N3LLH5 Datasheet HTML 5Page - STMicroelectronics STL56N3LLH5 Datasheet HTML 6Page - STMicroelectronics STL56N3LLH5 Datasheet HTML 7Page - STMicroelectronics STL56N3LLH5 Datasheet HTML 8Page - STMicroelectronics STL56N3LLH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristics
STL56N3LLH5
4/16
Doc ID 18415 Rev 4
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS= 0, ID = 250 µA
30
V
IDSS
Zero gate voltage drain
current
VGS= 0, VDS = 30 V,
1
µA
VGS= 0
VDS = 30 V, TC = 125 °C
10
µA
IGSS
Gate body leakage current
VDS = 0, VGS = +22 / -20 V
±
100
nA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 250 µA
1
2.5
V
RDS(on)
Static drain-source on-
resistance
VGS= 10 V, ID= 7.5 A
VGS= 4.5 V, ID= 7.5 A
0.0076
0.0099
0.009
0.0112
Ω
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS =25 V, f=1 MHz, VGS=0
-
950
193
27
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD=15 V, ID = 15 A
VGS =4.5 V
Figure 14
-
6.5
3.3
2.4
10
nC
nC
nC
Rg
Gate input resistance
f=1 MHz gate DC bias=0
test signal level = 20 mV
open drain
-1.7
2.5
Ω
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD=15 V, ID= 7.5 A,
RG=4.7 Ω, VGS=10 V
Figure 13
-
10.8
15.6
14.2
6
-
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com