Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2EZ2.7 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2EZ2.7
Description  SILICON ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2EZ2.7 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2EZ2.7 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2EZ2.7 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2EZ2.7 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MECHANICAL DAT
SILICON ZENER DIODES
V Z : 2.7 - 330 Volts
P D: 2 Watts
FEATURES :
* High peak reverse power dissipation
* High reliability
* Low leakage current
* ± 10% tolerance
* Pb / RoHS Free
A
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified
Rating
Symbol
Value
Unit
DC Power Dissipation at TL = 75 °C (Note1)
PD
2.0
W
Maximum Forward Voltage at IF = 200 mA
VF
1.2
V
Junction Temperature Range
TJ
- 55 to + 175
°C
Storage Temperature Range
TSTG
- 55 to + 175
°C
Note :
(1) TL = Lead temperature at 3/8 " (9.5mm) from body
0
25
50
75
100
125
150
175
TL, LEAD TEMPERATURE (
°C)
0.5
1.5
2.0
2.5
L = 3/8" (9.5mm)
Fig. 1 POWER TEMPERATURE DERATING CURVE
0
Fig. 1 POWER TEMPERATURE DERATING CURVE
星合电子
XINGHE ELECTRONICS
SOD-123FL
2.8±0.1
Cathode Band
Top View
3.7±0.2
0.6±0.25
Dimensions in millimeters
Case : Molded plastic, JEDECSOD123 / MINI SMA
Terminals : Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by c athode band
Mounting Position : Any
Weight : 0.04 gram
2EZ2.7 THRU 2EZ330
GAOMI XINGHE ELECTRONICS CO.,LTD.                      WWW.SDDZG.COM
1


Similar Part No. - 2EZ2.7

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
SILICON ZENER DIODES
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
96Kb / 3P
SILICON ZENER DIODES
logo
Diotech Company.
2EZ2.7D5 DIOTECH-2EZ2.7D5 Datasheet
650Kb / 3P
2W SILICON ZENER DIODE
logo
EIC discrete Semiconduc...
2EZ2.7D5 EIC-2EZ2.7D5 Datasheet
77Kb / 3P
SILICON ZENER DIODES
logo
Zibo Seno Electronic En...
2EZ2.7D5 ZSELEC-2EZ2.7D5 Datasheet
95Kb / 2P
2.0W SILICON ZENER DIODE
More results

Similar Description - 2EZ2.7

ManufacturerPart #DatasheetDescription
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
SILICON ZENER DIODES
RD4.7JS EIC-RD4.7JS Datasheet
39Kb / 3P
SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
Zener silicon diodes
logo
EIC discrete Semiconduc...
MZ55B3V0 EIC-MZ55B3V0 Datasheet
156Kb / 2P
SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com