Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE960R5 Datasheet(PDF) 2 Page - NEC

Part # NE960R5
Description  0.5 W X, Ku-BAND POWER GaAs MES FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE960R5 Datasheet(HTML) 2 Page - NEC

  NE960R5 Datasheet HTML 1Page - NEC NE960R5 Datasheet HTML 2Page - NEC NE960R5 Datasheet HTML 3Page - NEC NE960R5 Datasheet HTML 4Page - NEC NE960R5 Datasheet HTML 5Page - NEC NE960R5 Datasheet HTML 6Page - NEC NE960R5 Datasheet HTML 7Page - NEC NE960R5 Datasheet HTML 8Page - NEC NE960R5 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Preliminary Data Sheet P14387EJ1V0DS00
2
NE960R5 SERIES
ABSOLUTE MAXIMUM RATINGS (TA = +25
°°°°C)
Operation in excess of any one of these parameters may result in permanent damage.
Parameter
Symbol
Ratings
Unit
Drain to Source Voltage
VDS
15
V
Gate to Source Voltage
VGSO
–7 (
−9Note1)
V
Drain Current
ID
0.7
A
Gate Forward Current
IGF
+5.0
mA
Gate Reverse Current
IGR
–5.0
mA
Total Power Dissipation
PT
5.0 (4.2
Note 2)
W
Channel Temperature
Tch
175
°C
Storage Temperature
Tstg
–65 to +175
°C
Notes 1. NE962R575
2. NE961R500
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Test Condition
MIN.
TYP.
MAX.
Unit
Drain to Source Voltage
VDS
−
9.0
9.0
V
Gain Compression
Gcomp
−−
3.0
dB
Channel Temperature
Tch
−−
+130
°C
ELECTRICAL CHARACTERISTICS
(TA = +25
°°°°C, unless otherwise specified, using NEC standard test fixture.)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Saturated Drain Current
IDSS
VDS = 1.5 V, VGS = 0 V
0.18
0.4
0.7
A
Pinch-off Voltage
Vp
VDS = 2.5 V, ID = 2 mA
–2.5
–1.8
–0.5
V
Gate to Drain Break Down Voltage
Note 1
BVgd
Igd = 2 mA
15
−−
V
Gate to Source Break Down
Voltage
Note 2
BVgs
Igs = 2 mA
9.0
−−
V
Thermal Resistance
Rth
Channel to Case
−−
30 (35
Note 3)
°C/W
Output Power at Pin = +19 dBm
Pout
25.5
26.5
−
dBm
Output Power at 1 dB Gain
Compression Point
Note 1
Po (1 dB)
−
27.5
−
dBm
Power Added Efficiency at Po (1dB)
Note 1
η add
−
30
−
%
Linear Gain
Note 1
GL
f = 14.5 GHz, VDS = 9.0 V
Rg = 1 k
Ω
IDset = 180 mA (RF OFF)
8.0
9.0
−
dB
Notes 1. Except NE962R575
2. NE962R575 only
3. NE961R500
Remark DC and RF performance is 100 % testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com