Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASPC80 Datasheet(PDF) 1 Page - Allied Components International

Part # ASPC80
Description  Power Shielded Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

ASPC80 Datasheet(HTML) 1 Page - Allied Components International

  ASPC80 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASPC80
Power Shielded Inductors
Allied
Part
Number
L
(
µh)
DCR
Max
Rated
(AC Amps)
ASPC80-1R0K-RC
1.0
0.0066
1.50
0.190
1.12
ASPC80-1R5K-RC
1.5
0.008
1.40
0.287
0.88
ASPC80-2R2K-RC
2.2
0.008
1.40
0.440
0.707
ASPC80-3R3K-RC
3.3
0.009
1.40
0.700
0.556
All specifications subject to change without notice.
1.00 Max
1.15 Nominal
20 AWG/TCW
(25.4)
(13.97)
0.550 Max
(29.21)
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
Features
• Magnetically Shielded
• Epoxy End Caps for added Lead
Electrical
Test Equipment
Physical
Packaging:
Bulk Only
Inductance Range: 1.0µh ~ 680mH
Tolerance: 10% across entire range
Test Frequency:
Operating Temp: -55ºC ~ +125ºC
dissipation for approximately 20ºC Temp Rise
Inducatance: HP4263B & HP4282 As noted
Current: 11021 Current Source with DCR Meter
Marking:
EIA Inductance Code
Tighter tolerances available
Strength and Protection
Current Rating: Based on a .33 watt power
09/03/10
ASPC80-1R2K-RC
1.2
0.007
1.40
0.213
1.12
2700
3300
3900
ASPC80-1R8K-RC
1.8
0.008
1.40
0.364
0.88
4700
5600
ASPC80-2R7K-RC
2.7
0.009
1.40
0.562
0.556
6800
8200
Dimensions:
Inches
(mm)
100K
DCR: HP4263B
(Ω)
Current
Allied
Part
Number
ASPC80-272K-RC
ASPC80-392K-RC
ASPC80-562K-RC
ASPC80-822K-RC
ASPC80-332K-RC
ASPC80-472K-RC
ASPC80-682K-RC
L
(µh)
DCR
Max
(Ω)
Rated
(AC Amps)
Current
ASPC80-4R7K-RC
4.7
0.012
1.40
ASPC80-6R8K-RC
6.8
0.012
1.40
0.741
0.437
ASPC80-3R9K-RC
3.9
0.009
1.40
ASPC80-5R6K-RC
5.6
0.012
1.40
10
ASPC80-103K-RC
ASPC80-8R2K-RC
8.2
0.013
1.40
0.827
0.437
12
ASPC80-123K-RC
ASPC80-120K-RC
12
0.013
1.40
1.26
0.227
ASPC80-180K-RC
18
0.017
1.40
1.92
0.224
ASPC80-100K-RC
10
0.013
1.40
1.10
0.350
15
18
ASPC80-150K-RC
15
0.014
1.40
1.67
0.224
22
27
ASPC80-183K-RC
ASPC80-273K-RC
ASPC80-153K-RC
ASPC80-223K-RC
ASPC80-270K-RC
27
0.02
1.40
3.48
0.224
ASPC80-390K-RC
39
0.023
1.39
5.44
0.224
ASPC80-220K-RC
22
0.02
1.40
2.78
0.224
33
39
ASPC80-330K-RC
33
0.022
1.40
4.32
0.224
47
56
ASPC80-393K-RC
ASPC80-563K-RC
ASPC80-333K-RC
ASPC80-473K-RC
ASPC80-470K-RC
47
0.024
1.36
6.80
0.224
ASPC80-680K-RC
68
0.028
1.35
8.50
0.176
ASPC80-101K-RC
100
0.030
1.35
12.24
0.138
ASPC80-560K-RC
56
0.027
1.35
7.20
0.176
68
82
100
ASPC80-820K-RC
82
0.029
1.35
10.56
0.138
120
150
ASPC80-683K-RC
ASPC80-104K-RC
ASPC80-154K-RC
ASPC80-823K-RC
ASPC80-124K-RC
ASPC80-121K-RC
120
0.034
1.35
ASPC80-181K-RC
180
0.044
1.35
ASPC80-271K-RC
270
0.049
1.35
ASPC80-151K-RC
150
0.036
1.35
ASPC80-221K-RC
220
1.35
ASPC80-184K-RC
180
13.68
0.138
ASPC80-274K-RC
270
27
0.088
ASPC80-394K-RC
390
37
0.071
ASPC80-224K-RC
220
24
0.110
ASPC80-334K-RC
330
0.080
0.047
ASPC80-331K-RC
330
0.052
1.30
ASPC80-391K-RC
390
0.053
1.30
ASPC80-561K-RC
560
0.063
1.30
ASPC80-821K-RC
820
0.080
1.30
ASPC80-471K-RC
470
0.058
1.30
ASPC80-681K-RC
680
1.30
0.068
ASPC80-122K-RC
1200
0.110
1.25
ASPC80-182K-RC
1800
0.130
1.25
ASPC80-102K-RC
1000
0.091
1.30
ASPC80-152K-RC
1500
1.25
0.116
32
39.48
0.071
470
ASPC80-474K-RC
ASPC80-564K-RC
560
46.68
0.071
ASPC80-680K-RC
680
56.80
0.071
ASPC80-222K-RC
2200
1.12
0.177
L
(mH)
1.0µh ~ 82,000µh Tested @ 1KHZ, HP4263B
100,000µh ~ 680,000µh Tested @ 1KHZ, 1V
HP4263B
above.


Similar Part No. - ASPC80

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
ASPC80-100K-RC BRIGHT-ASPC80-100K-RC Datasheet
687Kb / 1P
Power Shielded Inductors
ASPC80-101K-RC BRIGHT-ASPC80-101K-RC Datasheet
687Kb / 1P
Power Shielded Inductors
ASPC80-102K-RC BRIGHT-ASPC80-102K-RC Datasheet
687Kb / 1P
Power Shielded Inductors
ASPC80-120K-RC BRIGHT-ASPC80-120K-RC Datasheet
687Kb / 1P
Power Shielded Inductors
ASPC80-121K-RC BRIGHT-ASPC80-121K-RC Datasheet
687Kb / 1P
Power Shielded Inductors
More results

Similar Description - ASPC80

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com