Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLB03 Datasheet(PDF) 1 Page - Allied Components International

Part # MLB03
Description  Multilayer Ferrite Bead
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

MLB03 Datasheet(HTML) 1 Page - Allied Components International

  MLB03 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Multilayer Ferrite Beads
MLB03
All specifications subject to change without notice.
MLB03-100-RC
MLB03-400-RC
MLB03-121-RC
MLB03-471-RC
MLB03-601-RC
Allied
Part
Number
Impedance (
Ω)
@ 100 MHz
+/- 25%
DC
Resistance
(
Ω) Max.
*Rated
Current
(mA)
10
40
120
470
600
0.05
0.20
0.25
0.50
0.60
500
500
500
300
300
RoHS
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
0.039±0.004
(1.0±0.10)
0.020±0.004
(0.50±0.10)
0.020±0.004
(0.50±0.10)
0.010±0.004
(0.25±0.10)
0.016
(0.40)
0.016
(0.40)
0.018
(0.46)
MLB03-102-RC
MLB03-182-RC
1000
1800
0.95
1.40
200
100
RoHS
MLB03-600-RC
MLB03-700-RC
60
70
0.20
0.20
500
500
MLB03-101-RC
100
0.25
500
MLB03-221-RC
220
0.40
400
MLB03-301-RC
300
0.50
300
Dimensions:
Inches
(mm)
∆
*Temperature rise T=30ºC at rated current.
Electrical
Impedance Range:
10Ω to 2200Ω
Resistance to Solder Heat
Pre-Heat 150ºC, 1 minute
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260±5ºC for 10sec ±1 sec.
Minimum of 75% of Electrode covered with new solder.
Test Equipment
Physical
Packaging: 10000 per 7 inch reel.
Marking: None
(Z): HP4291A RF Impedance/Material Analyzer
(RDC): Chen Hwa 502BC
Impedance within 30% of initial value.
Operating Range: -55ºC ~ +125ºC
Rated Current: Based on temp rise not to exceed 30ºC
Features
• Surface mount EMI suppression components
• Nickel barrier termination for excellent resistance to solder heat
• Multi layer technology
• Flow and reflow soldering
Storage Temp: Under 25ºC at 40~60% Humidity
Tolerance: 25% over entire range
REVISED 11/04/2014
MLB03-222-RC
2200
1.40
100


Similar Part No. - MLB03

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
MLB03-060-RC ALLIED-MLB03-060-RC Datasheet
703Kb / 1P
Multilayer Ferrite Bead s
MLB03-100-RC ALLIED-MLB03-100-RC Datasheet
703Kb / 1P
Multilayer Ferrite Bead s
MLB03-101-RC ALLIED-MLB03-101-RC Datasheet
703Kb / 1P
Multilayer Ferrite Bead s
MLB03-102-RC ALLIED-MLB03-102-RC Datasheet
703Kb / 1P
Multilayer Ferrite Bead s
MLB03-121-RC ALLIED-MLB03-121-RC Datasheet
703Kb / 1P
Multilayer Ferrite Bead s
More results

Similar Description - MLB03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BF-NB100505-060Y-T ETC2-BF-NB100505-060Y-T Datasheet
27Kb / 1P
Multilayer Ferrite Chip Bead
BF-LC100505-100Y-T ETC2-BF-LC100505-100Y-T Datasheet
24Kb / 1P
Multilayer Ferrite Chip Bead
logo
KOA Speer Electronics, ...
CZB1JFT KOA-CZB1JFT Datasheet
96Kb / 3P
multilayer ferrite bead
CZP1JPT KOA-CZP1JPT Datasheet
85Kb / 2P
multilayer power ferrite bead
logo
Allied Components Inter...
MLB03-060-RC ALLIED-MLB03-060-RC Datasheet
703Kb / 1P
Multilayer Ferrite Bead s
MLB05-050-RC ALLIED-MLB05-050-RC Datasheet
796Kb / 1P
Multilayer Ferrite Bead s
logo
Caliber Electronics Inc...
BF-SB100505 CALIBER-BF-SB100505 Datasheet
31Kb / 1P
Multilayer Ferrite Chip Bead
logo
KOA Speer Electronics, ...
CZB1EGTTP120P KOA-CZB1EGTTP120P Datasheet
213Kb / 3P
multilayer ferrite bead
CZP2AFTTD500P KOA-CZP2AFTTD500P Datasheet
212Kb / 2P
multilayer power ferrite bead
logo
Allied Components Inter...
MLB05 ALLIED-MLB05 Datasheet
749Kb / 1P
Multilayer Ferrite Bead s
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com