Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS10 Datasheet(PDF) 1 Page - Allied Components International

Part # LS10
Description  Ferrite Core Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

LS10 Datasheet(HTML) 1 Page - Allied Components International

  LS10 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LS10 Ferrite Core Chip Inductors
Features
• 1008 SMD for Auto Insertion
Low DCR for Low Loss Applications
• Excellent Solderability Characteristics
• Highly resistant to mechanical forces
Excellent reliabiltiy in temperature
and climate change
Electrical
Inductance Range: 1.2µh to 15µh
Tolerance: 5% across entire range.
Also available in 10% and 20%.
Operating Temp. Range: -25ºC ~ 85ºC
i
l
Test Equipment
After soldering,
push l0 to 2000) x 10 -6
°C.
Physical
Available in tighter tolerances.
Allied
Part
Number
Inductance
(
µh)
IDC
Current
(mA)
SRF
Min.
(MHz)
Tolerance
(%)
DCR
Max.
(
Ω)
(L)Test
Freq.
(MHz)
LS10-1R5J-RC
1.50
5
58
7.9
300
0.65
1200
LS10-1R8J-RC
1.80
5
54
7.9
280
0.75
1050
LS10-2R2J-RC
2.20
5
48
7.9
250
0.90
950
LS10-2R7J-RC
2.70
5
51
7.9
200
1.00
950
LS10-3R3J-RC
3.30
5
58
7.9
200
1.15
900
LS10-3R9J-RC
3.90
5
37
7.9
170
1.25
850
LS10-4R7J-RC
4.70
5
37
7.9
130
1.35
800
LS10-5R6J-RC
5.60
5
36
7.9
110
1.45
700
LS10-6R8J-RC
6.80
5
33
7.9
105
1.60
600
LS10-8R2J-RC
8.20
5
40
7.9
90
1.80
550
LS10-100J-RC
10.0
5
40
7.9
85
2.40
500
LS10-150J-RC
15.0
5
35
7.9
38
2.40
450
Q
Typ.
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
Dimensions:
Inches
(mm)
All specifications subject to change without notice.
LS10-1R2J-RC
1.20
5
55
7.9
350
0.50
1200
Test Frequency: (L) entire range @
7.96Mhz @ 200mv (Q) from 1.2µh to
3.3µh @ 50Mhz, from 3.9µh to 15µh
@ 7.9Mhz
IDC: Inductance drop 10% Typ. from
original value with no current
Resistance to Solder Heat
Pre-Heat 150ºC, 1 minute
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp. 260ºC peak for 10 sec.
Test time: 6 minutes
(L/Q): HP4286A / HP4287A /Agilent E4991A
(DCR): Chen Hwa 502BC
(SRF): HP8753D / Agilent E4991
(IDC): HP4284A with HP42841A /
HP4285A with HP42841A
Packaging: 2000 pieces per 7 inch reel
Marking: 3 Dot Color Code
REVISED 12/11/08
Terminal wrap around:
0.15 mm min. Both Ends
0.60
0.20
0.20
0.08
0.10
0.118
0.028
0.09
0.04
0.05
0.10
(1.52)
(0.51)
(0.51)
(2.03)
(2.5)
(2.99)
(0.70)
(2.2)
(1.02)
(1.27)
(2.54)


Similar Part No. - LS10

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS10 CITIZEN-LS10 Datasheet
221Kb / 2P
Non-illuminated/Horizontal Type
logo
Allied Components Inter...
LS10-100J-RC ALLIED-LS10-100J-RC Datasheet
317Kb / 1P
Ferrite Core Chip Inductors
LS10-150J-RC ALLIED-LS10-150J-RC Datasheet
317Kb / 1P
Ferrite Core Chip Inductors
LS10-1R2J-RC ALLIED-LS10-1R2J-RC Datasheet
317Kb / 1P
Ferrite Core Chip Inductors
LS10-1R5J-RC ALLIED-LS10-1R5J-RC Datasheet
317Kb / 1P
Ferrite Core Chip Inductors
More results

Similar Description - LS10

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
FC05-R12K-RC ALLIED-FC05-R12K-RC Datasheet
1Mb / 1P
Ferrite Core Chip Inductors
FC10-R005K-RC ALLIED-FC10-R005K-RC Datasheet
381Kb / 1P
Ferrite Core Chip Inductors
LS03-47NJ-RC ALLIED-LS03-47NJ-RC Datasheet
361Kb / 1P
Ferrite Core Chip Inductors
LS05-78NJ-RC ALLIED-LS05-78NJ-RC Datasheet
387Kb / 1P
Ferrite Core Chip Inductors
LS10-1R2J-RC ALLIED-LS10-1R2J-RC Datasheet
317Kb / 1P
Ferrite Core Chip Inductors
FC05 ALLIED-FC05 Datasheet
1Mb / 1P
Ferrite Core Chip Inductors
FC10 ALLIED-FC10 Datasheet
382Kb / 1P
Ferrite Core Chip Inductors
LD05 ALLIED-LD05 Datasheet
447Kb / 1P
Ferrite Core Chip Inductors Low Resistance
LS03 ALLIED-LS03 Datasheet
361Kb / 1P
Ferrite Core Chip Inductors
LS05 ALLIED-LS05 Datasheet
388Kb / 1P
Ferrite Core Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com