Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSC-35 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KSC-35
Description  Compact VHF/UHF FM Portable Radios
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KSC-35 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KSC-35 Datasheet HTML 1Page - List of Unclassifed Manufacturers KSC-35 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TK-2300VP/3300UP
Compact VHF/UHF FM Portable Radios
The compact ProTalk
®
TK-2300VP/3300UP,
Kenwood’s latest envoy for professional
grade job site portables sets the standard
on ruggedness, features and performance.
The perfect solution for construction,
retail, hospitality, warehousing, industrial,
facilities management and rental fleet
applications. The modern design contours
present a functional and attractive form factor.
COMPACT DESIGN
The ergonomic contours of the ProTalk® naturally
fit the hand for a superbly comfortable hold. The
non-slip elastomer channel knob and switch
torque ensures positive selection and resists
accidental changing.
4 & 16 CHANNEL MODELS
Select ProTalk® 4 or 16 channel models which will
fit your needs and requirements. A great selection
providing plenty of capacity for multiple channels
or radio systems.
FREQUENCY & QT/DQT
The ProTalk® VHF (TK-2300VP) 4 & 16 channel
models has 27 pre-stored frequencies while the
ProTalk® UHF (TK-3300UP) 4 or 16 channel models
has 89 pre-stored frequencies. Both models have
39 QT tones and 83 DQT codes. Users can program
a ProTalk® to any of the pre-stored frequencies
and QT/DQT’s, assuring compatibility with other
brand radios.
*QT & DQT may also be referred to under other brand acronyms
as PL, CG, CTCSS & DPL, DCG, DCS.
SUPER LOCK
Managers can ‘‘Super Lock’’ all user controls
(except PTT and volume) to prevent accidental
channel changes.
WIRELESS CLONING
This wireless feature simplifies the setup of several
ProTalk® radios to function identically and eliminates
repetitive setup actions of individual radios.
(Dealer function only)
CALLING ALERT
Pressing on the Calling Alert key while transmitting
causes an alert tone to sound from the other
radio’s speaker. This is a useful function to signal
staff in noisy environments.
INTERNAL VOX/HANDS FREE READY
VOX (voice-operated transmission) is invaluable for
specialized tasks or events that require repetitive
hands-free communications. The radio itself
provides automatic PTT action, so the user simply
talks. VOX works with a Kenwood-compatible
headset.
TOUGH & WATER RESISTANT
Built tough for rugged work environments, the
ProTalk® has been designed to pass industrial drop
tests, international IP54/55 water and dust
intrusion tests and 11 categories of the U.S.
Department of Defense MIL-STD 810 C, D, E & F
environmental standards tests.
2 WATTS TRANSMIT POWER / RANGE UP
to 6 MILES
The ProTalk® offers 2 watts of power to enable
direct radio-to-radio communication on the same
frequency (simplex) for up to 6 miles*.
*Talk range will vary based on terrain, conditions and type of radio.
OTHER FEATURES
• Time Out Timer
• Battery Save and Low Battery Warning
• Scan
• Channel confirmation mode
• Voice Inversion Scrambler by Channel
Conditions
Open areas without obstructions
Residential areas (near buildings)
In steel and/ or concrete
reinforced buildings
In high-rise buildings
ProTalk®
Up to 6 miles (9.6 km)
Up to 1.5 miles (2.4 km)
Up to 250,000Sq.
(23,220 Sq. m)
Up to 20 floors


Similar Part No. - KSC-35

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
KSC-01L MEANWELL-KSC-01L Datasheet
117Kb / 3P
KNX LINE Coupler
KSC-02L MEANWELL-KSC-02L Datasheet
117Kb / 3P
KNX LINE Coupler
logo
C&K Components
KSC-SLT CK-COMPONENTS-KSC-SLT Datasheet
331Kb / 2P
Long Travel Tact Switch
20 Apr 21
KSC-ST CK-COMPONENTS-KSC-ST Datasheet
169Kb / 3P
Sound Tunable Tact Switch
KSC-V2 CK-COMPONENTS-KSC-V2 Datasheet
231Kb / 3P
Side Actuated Sealed Tact Switch
24 Nov 20
More results

Similar Description - KSC-35

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA4006F TOSHIBA-TA4006F Datasheet
180Kb / 5P
TV,FM TUNER VHF/UHF RF AMPLIFIER APPLICATIONS
logo
RF Micro Devices
RF2514 RFMD-RF2514 Datasheet
268Kb / 14P
VHF/UHF TRANSMITTER
logo
Sanyo Semicon Device
LA1143 SANYO-LA1143 Datasheet
124Kb / 5P
FM IF System for Car Radios
logo
List of Unclassifed Man...
USP10 ETC1-USP10 Datasheet
46Kb / 1P
VHF/UHF TRANSISTOR
logo
Sanyo Semicon Device
LV24230LP-A SANYO-LV24230LP-A Datasheet
138Kb / 17P
Compact Portable Equipment1-Chip FM Tuner IC
LV24230LS SANYO-LV24230LS Datasheet
189Kb / 17P
Compact Portable Equipment 1-Chip FM Tuner IC
LV24250LS SANYO-LV24250LS Datasheet
328Kb / 18P
Compact Portable Equipment 1-Chip FM Tuner IC
logo
Diodes Incorporated
ZUMT918TA DIODES-ZUMT918TA Datasheet
25Kb / 1P
VHF/UHF TRANSISTOR
DECEMBER 1998
logo
Leshan Radio Company
LMBTH10QLT1G LRC-LMBTH10QLT1G_15 Datasheet
230Kb / 5P
VHF/UHF Transistors
logo
Yea Shin Technology Co....
MMBTH10Q YEASHIN-MMBTH10Q Datasheet
761Kb / 5P
VHF/UHF Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com