Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC1006 Datasheet(PDF) 1 Page - Allied Components International

Part # PC1006
Description  Power Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PC1006 Datasheet(HTML) 1 Page - Allied Components International

  PC1006 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PC1006
15
All specifications subject to change without notice.
DCR
Max.
(
Ω)
IDC
Max.
(A)
Allied
Part
Number
Inductance
(mH)
Tolerance
(%)
Test
Freq.
PC1006-602K-RC
PC1006-822K-RC
6000
8200
10
10
1
1
14
50
0.27
0.20
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
Power Chip Inductors
REVISED 12/11/08
KHz,1v
Features
• Unshielded SMD Power Inductor
• Suitable for large currents
• High Saturation Current
Electrical
Inductance Range: 6mH to 8.2mH
Tolerance: 20% over entire range
Operating Temp: -40ºC ~ +85ºC
IDC: Current at which Inductance drops 10%
of original value with a
Resistance to Soldering Heat
Pre-Heat 150ºC, 1 Min.
Solder Composition:
Sn/Ag3.0/Cu0.5
Solder Temp:
260ºC +/- 5ºC for 10 sec ± 1 sec.
Test Equipment
(L): HP4192A LF Impedence Analyzer
(RDC): Chen Hwa 502BC
(IDC): HP4284A with HP42841A or
Physical
Packaging:
500 pieces per 13 inch reel.
Marking: EIA Inductance Code.
∆ T= 40ºC whichever
is lower.
Also available in tighter tolerances
Chen Hwa 1061 + 301A
• Ideal for DC-DC converter applications
Test Frequency: As noted
Dimensions:
Inches
(mm)


Similar Part No. - PC1006

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PC1006-602K-RC ALLIED-PC1006-602K-RC Datasheet
276Kb / 1P
Power Chip Inductors
PC1006-822K-RC ALLIED-PC1006-822K-RC Datasheet
276Kb / 1P
Power Chip Inductors
More results

Similar Description - PC1006

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LPC4045AT KOA-LPC4045AT Datasheet
79Kb / 4P
Power Chip Inductors
logo
Allied Components Inter...
PC0301-2R2M-RC ALLIED-PC0301-2R2M-RC Datasheet
384Kb / 1P
Power Chip Inductors
PC0501-1R0M-RC ALLIED-PC0501-1R0M-RC Datasheet
385Kb / 1P
Power Chip Inductors
PC1307-1R5M-RC ALLIED-PC1307-1R5M-RC Datasheet
409Kb / 1P
Power Chip Inductors
PC03011-1R0M-RC ALLIED-PC03011-1R0M-RC Datasheet
355Kb / 1P
Power Chip Inductors
PC0703-4R7M-RC ALLIED-PC0703-4R7M-RC_10 Datasheet
338Kb / 1P
Power Chip Inductors
PC0703 ALLIED-PC0703 Datasheet
338Kb / 1P
Power Chip Inductors
PC03015 ALLIED-PC03015 Datasheet
336Kb / 1P
Power Chip Inductors
PCI20 ALLIED-PCI20 Datasheet
838Kb / 1P
Power Chip Inductors
PCI40 ALLIED-PCI40 Datasheet
726Kb / 1P
Power Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com